Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM1808BZCED4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza AM1808BZCED4
Descripción Electrónicos  AM1808 ARM Microprocessor
Download  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808BZCED4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM1808BZCED4 Datasheet HTML 2Page - Texas Instruments AM1808BZCED4 Datasheet HTML 3Page - Texas Instruments AM1808BZCED4 Datasheet HTML 4Page - Texas Instruments AM1808BZCED4 Datasheet HTML 5Page - Texas Instruments AM1808BZCED4 Datasheet HTML 6Page - Texas Instruments AM1808BZCED4 Datasheet HTML 7Page - Texas Instruments AM1808BZCED4 Datasheet HTML 8Page - Texas Instruments AM1808BZCED4 Datasheet HTML 9Page - Texas Instruments AM1808BZCED4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 265 page
background image
AM1808
SPRS653B
– FEBRUARY 2010 – REVISED APRIL 2011
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS653A device-specific data
manual to make it an SPRS653B revision. This device is now in the production data (PD) stage of
development.
Revision History
See
ADDITIONS/MODIFICATIONS/DELETIONS
Replaced CLKIN with OSCIN.
Global
Removed EMA_A25.
Section 2.5.1, Pin Map (Bottom View):
Section 2.5
Pin Assignments
Updated pin names in Figure 2-1, Pin Map (Quad A), through Figure 2-4, Pin Map (Quad D).
Table 2-1, Characteristics of the Device:
Section 2
Device Overview
Corrected DDR2 max to 156 MHz and mDDR max to 150 MHz.
Table 2-7, External Memory Interface A (EMIFA) Terminal Functions:
Corrected description for signal A18.
Table 2-9, Serial Peripheral Interface (SPI) Terminal Functions:
Changed signal type to I/O for signal C16, C18, G17, and H17.
Table 2-12, Enhanced Pulse Width Modulator (eHRPWM) Terminal Functions:
Changed signal type to Input for signal A4, C16, and D2.
Section 2.7
Terminal Functions
Table 2-14, Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions:
Updated signal name for signal F4.
Table 2-20, Ethernet Media Access Controller (EMAC) Terminal Functions:
Changed signal type to I/O for signal W18.
Table 2-24, Universal Host-Port Interface (UHPI) Terminal Functions:
Changed signal type to Output for signal R16.
Section 2.8
Added new section.
Unused Pin Configurations
Section 4.1, Absolute Maximum Ratings Over Operating Junction Temperature Range (Unless
Otherwise Noted):
Updated ESD Stress Voltage MAX values.
Section 4.2, Recommended Operating Conditions:
Added DVDD18 under Supply Voltage.
Section 4
Device Operating Condtions
Section 4.3, Notes on Recommended Power-On Hours (POH), added.
Section 4.4, Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Junction Temperature (Unless Otherwise Noted):
Updated parameters for VOH and VOL.
Updated table notes 1 and 3.
Section 5.3.1, Power-On Sequence:
Section 5.3
Power Supplies
Changed VDDA_12_PLL0 to PLL0_VDDA, and VDDA_12_PLL1 to PLL1_VDDA in step 2b.
Section 5.5
Changed last sentence, first paragraph in description.
Crystal Oscillator or External
Table 5-3, OSCIN Timing Requirements for an Externally Driven Clock, added table note.
Clock Input
Section 5.6.1, PLL Device-Specific Information:
Updated PLLn to PLL0 or PLL1, as appropriate in Figure 5-8, PLL External Filtering
Components.
Added paragraph below figure.
Section 5.6
Updated OSCIN area to include DEEPSLEEP Enable in Figure 5-9, PLL Topology.
Clock PLLs
Changed PLLREF MAX value in Table 5-4.
Section 5.6.3, Dynamic Voltage and Frequency Scaling (DVFS):
Updated Maximum internal clock frequency specifications in Table 5-5.
Section 5.7.1.4, AINTC System Interrupt Assignments:
Section 5.7
Interrupts
Updated Interrupt Name and Source columns in Table 5-6.
6
Contents
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808


Número de pieza similar - AM1808BZCED4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM1808BZCED4 TI-AM1808BZCED4 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808BZCED4 TI-AM1808BZCED4 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808BZCED4 TI-AM1808BZCED4 Datasheet
1Mb / 262P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808BZCED4 TI1-AM1808BZCED4 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
More results

Descripción similar - AM1808BZCED4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808_1112 TI-AM1808_1112 Datasheet
1Mb / 262P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI-AM1808 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808_1008 TI-AM1808_1008 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com