Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM3725CBC Datasheet(PDF) 7 Page - Texas Instruments |
|
|
DM3725CBC Datasheet(HTML) 7 Page - Texas Instruments |
7 / 280 page 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 A B C D E F G H J K L M N P T R U V W Y AA AB AC 24 25 26 27 28 AD AE AF AG AH 1 030-001 DM3730, DM3725 www.ti.com SPRS685D – AUGUST 2010 – REVISED JULY 2011 2 TERMINAL DESCRIPTION 2.1 Terminal Assignment Figure 2-1 through Figure 2-5 show the ball locations for the 515- and 423- ball plastic ball grid array (s-PBGA) packages. Table 2-1 through Table 2-25 indicate the signal names and ball grid numbers for both packages. Note: There are no balls present on the top of the 423-ball s-PBGA package. Figure 2-1. DM3730/25 Digital Media Processor CBP s-PBGA-N515 Package (Bottom View) Copyright © 2010–2011, Texas Instruments Incorporated TERMINAL DESCRIPTION 7 Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |
Número de pieza similar - DM3725CBC |
|
Descripción similar - DM3725CBC |