Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS56221 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS56221
Descripción Electrónicos  4.5-V to 14-V Input High-Current Synchronous Buck Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS56221 Datasheet HTML 2Page - Texas Instruments TPS56221 Datasheet HTML 3Page - Texas Instruments TPS56221 Datasheet HTML 4Page - Texas Instruments TPS56221 Datasheet HTML 5Page - Texas Instruments TPS56221 Datasheet HTML 6Page - Texas Instruments TPS56221 Datasheet HTML 7Page - Texas Instruments TPS56221 Datasheet HTML 8Page - Texas Instruments TPS56221 Datasheet HTML 9Page - Texas Instruments TPS56221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
BOOT
SW
ILIM
EN/SS
COMP
FB
GND
VDD
BP
PGOOD
PAD
VIN
+
+
FB
0.6 V
REF
+ 12.5%
0.6 V
REF
–12.5%
+
Fault
Controller
SS
Soft Start
BP
Anti-Cross
Conduction
and
Pre-Bias
Circuit
PWM
Logic
BP
Clock
6-V
Regulator
References
0.6
V
REF
SD
BP
Oscillator
+
Calibration
Circuit
+
UDG-11046
0.6 V
REF
SS
10 mA
750 kW
Fault Controller
Thermal
Shutdown
OC
Threshold
Setting
10 mA
OC
SS
SD
PWM
Clock
OC
TPS56221
TPS56221
SLUSAH5
– MARCH 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
12
13
14
VIN
I
Power input to the high-side FET.
15
16
17
FUNCTIONAL BLOCK DIAGRAM
6
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS56221


Número de pieza similar - TPS56221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS562210 TI1-TPS562210 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210ADDFR TI1-TPS562210ADDFR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210ADDFT TI1-TPS562210ADDFT Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210DDFR TI1-TPS562210DDFR Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results

Descripción similar - TPS56221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com