Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS8P6C-M3-87A Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SS8P6C-M3-87A
Descripción Electrónicos  High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS8P6C-M3-87A Datasheet(HTML) 2 Page - Vishay Siliconix

  SS8P6C-M3-87A Datasheet HTML 1Page - Vishay Siliconix SS8P6C-M3-87A Datasheet HTML 2Page - Vishay Siliconix SS8P6C-M3-87A Datasheet HTML 3Page - Vishay Siliconix SS8P6C-M3-87A Datasheet HTML 4Page - Vishay Siliconix SS8P6C-M3-87A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89028
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS8P5C, SS8P6C
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Units mounted on recommended PCB 1 oz. pad layout
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
per diode
IF = 2.0 A
TA = 25 °C
VF (1)
0.55
-
V
IF = 4.0 A
0.65
0.70
IF = 2.0 A
TA = 125 °C
0.48
-
IF = 4.0 A
0.56
0.60
Reverse current per diode
Rated VR
TA = 25 °C
IR (2)
2.5
50
μA
TA = 125 °C
1.6
10
mA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
160
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
SS8P5C
SS8P6C
UNIT
Typical thermal resistance per diode
RJA (1)
60
°C/W
RJL
3
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS8P6C-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS8P6C-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS8P6CHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS8P6CHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel


Número de pieza similar - SS8P6C-M3-87A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SS8P6C-M3-87A VISHAY-SS8P6C-M3-87A Datasheet
99Kb / 6P
   Dual Common Cathode Schottky Rectifier
Revision: 16-Jan-14
More results

Descripción similar - SS8P6C-M3-87A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SS6P4C VISHAY-SS6P4C Datasheet
95Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 10-May-11
SS6P4C VISHAY-SS6P4C_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
01-Jan-2022
SS8P3C VISHAY-SS8P3C Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 30-Jul-08
SS8P5C VISHAY-SS8P5C_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
01-Jan-2022
SS8P3C VISHAY-SS8P3C_V01 Datasheet
101Kb / 5P
   High Current Density Surface-Mount Dual Common Cathode Schottky Rectifier
01-Jan-2022
SS8P3C VISHAY-SS8P3C_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 10-May-11
SS8P5C VISHAY-SS8P5C Datasheet
111Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 30-Jul-08
SS6P4C VISHAY-SS6P4C_15 Datasheet
87Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifier
Revision: 10-Dec-14
SS8P3C VISHAY-SS8P3C_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Dual Common Cathode Schottky Rectifier
Revision: 13-Jan-15
SS10P2CL VISHAY-SS10P2CL_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Dual Common Cathode Schottky Rectifiers
Revision: 13-Jan-15
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com