Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD16301Q2 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza CSD16301Q2
Descripción Electrónicos  N-Channel NexFET??Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD16301Q2 Datasheet(HTML) 8 Page - Texas Instruments

  CSD16301Q2_11 Datasheet HTML 1Page - Texas Instruments CSD16301Q2_11 Datasheet HTML 2Page - Texas Instruments CSD16301Q2_11 Datasheet HTML 3Page - Texas Instruments CSD16301Q2_11 Datasheet HTML 4Page - Texas Instruments CSD16301Q2_11 Datasheet HTML 5Page - Texas Instruments CSD16301Q2_11 Datasheet HTML 6Page - Texas Instruments CSD16301Q2_11 Datasheet HTML 7Page - Texas Instruments CSD16301Q2_11 Datasheet HTML 8Page - Texas Instruments CSD16301Q2_11 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CSD16301Q2
SLPS235C –OCTOBER 2009–REVISED JULY 2011
www.ti.com
REVISION HISTORY
Changes from Original (October 2009) to Revision A
Page
Changed the Electrical Characteristics table - VGS(th) MAX value From: 1.4V To 1.55V ...................................................... 2
Changes from Revision A (December 2009) to Revision B
Page
Added title to Figure 12 - Single Pulse Unclamped Inductive Switching .............................................................................. 5
Deleted the Package Marking Information section ............................................................................................................... 7
Changes from Revision B (April 2010) to Revision C
Page
Added a 7-Inch Reel option to the Ordering Information Table ............................................................................................. 1
8
Copyright © 2009–2011, Texas Instruments Incorporated


Número de pieza similar - CSD16301Q2_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2 Datasheet
175Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results

Descripción similar - CSD16301Q2_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com