Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD87330Q3D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD87330Q3D
Descripción Electrónicos  Synchronous Buck NexFET??Power Block
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD87330Q3D Datasheet(HTML) 2 Page - Texas Instruments

  CSD87330Q3D Datasheet HTML 1Page - Texas Instruments CSD87330Q3D Datasheet HTML 2Page - Texas Instruments CSD87330Q3D Datasheet HTML 3Page - Texas Instruments CSD87330Q3D Datasheet HTML 4Page - Texas Instruments CSD87330Q3D Datasheet HTML 5Page - Texas Instruments CSD87330Q3D Datasheet HTML 6Page - Texas Instruments CSD87330Q3D Datasheet HTML 7Page - Texas Instruments CSD87330Q3D Datasheet HTML 8Page - Texas Instruments CSD87330Q3D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CSD87330Q3D
SLPS284B
– AUGUST 2011 – REVISED SEPTEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
TA = 25°C (unless otherwise noted)
(1)
VALUE
UNIT
PARAMETER
CONDITIONS
MIN
MAX
VIN to PGND
30
V
VSW to PGND
30
V
Voltage Range
VSW to PGND (10ns)
32
V
TG to TGR
-8
10
V
BG to PGND
-8
10
V
Pulsed Current Rating, IDM
60
A
Power Dissipation, PD
6
W
Sync FET, ID = 56A, L = 0.1mH
157
Avalanche Energy EAS
mJ
Control FET, ID = 36A, L = 0.1mH
65
Operating Junction and Storage Temperature Range, TJ, TSTG
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
TA = 25° (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Gate Drive Voltage, VGS
4.5
8
V
Input Supply Voltage, VIN
27
V
Switching Frequency, fSW
CBST = 0.1µF (min)
1500
kHz
Operating Current
20
A
Operating Temperature, TJ
125
°C
POWER BLOCK PERFORMANCE
(1)
TA = 25° (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 12V, VGS = 5V, VOUT = 1.3V,
Power Loss, PLOSS
(1)
IOUT = 15A, fSW = 500kHz,
2
W
LOUT = 1µH, TJ = 25ºC
VIN Quiescent Current, IQVIN
TG to TGR = 0V BG to PGND = 0V
10
µA
(1)
Measurement made with six 10-
µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins and
using a high current 5V driver IC.
THERMAL INFORMATION
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction to ambient thermal resistance (Min Cu)(1)
135
RθJA
Junction to ambient thermal resistance (Max Cu)(1)(2)
73
°C/W
Junction to case thermal resistance (Top of package)(1)
29
RθJC
Junction to case thermal resistance (PGND Pin)
(1)
2.5
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2 oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch
(3.81-cm
× 3.81-cm), 0.06-inch (1.52-mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2) Cu.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - CSD87330Q3D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD87330Q3D TI1-CSD87330Q3D Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
CSD87330Q3D TI-CSD87330Q3D_15 Datasheet
978Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Descripción similar - CSD87330Q3D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com