Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD87352Q5D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD87352Q5D
Descripción Electrónicos  Synchronous Buck NexFET??Power Block
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD87352Q5D Datasheet(HTML) 1 Page - Texas Instruments

  CSD87352Q5D Datasheet HTML 1Page - Texas Instruments CSD87352Q5D Datasheet HTML 2Page - Texas Instruments CSD87352Q5D Datasheet HTML 3Page - Texas Instruments CSD87352Q5D Datasheet HTML 4Page - Texas Instruments CSD87352Q5D Datasheet HTML 5Page - Texas Instruments CSD87352Q5D Datasheet HTML 6Page - Texas Instruments CSD87352Q5D Datasheet HTML 7Page - Texas Instruments CSD87352Q5D Datasheet HTML 8Page - Texas Instruments CSD87352Q5D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
P0116-01
1
2
3
V
SW
V
SW
V
SW
4
B
G
5
T
GR
6
T
G
P
GND
(Pin9)
7
V
IN
8
V
IN
0
5
10
15
20
25
59
65
71
77
83
89
95
0
1
2
3
4
5
6
Output Current (A)
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 0.3µH
fSW = 500kHz
TA = 25ºC
CSD87352Q5D
www.ti.com
SLPS286B
– JUNE 2011 – REVISED NOVEMBER 2011
Synchronous Buck NexFET
™ Power Block
1
FEATURES
DESCRIPTION
The CSD87352Q5D NexFET
™ power block is an
2
Half-Bridge Power Block
optimized design for synchronous buck applications
91% system Efficiency at 15A
offering high current, high efficiency, and high
High Frequency Operation (Up To 1.5MHz)
frequency capability in a small 5-mm
× 6-mm outline.
Optimized for 5V gate drive applications, this product
High Density
– SON 5-mm × 6-mm Footprint
offers a flexible solution capable of offering a high
Optimized for 5V Gate Drive
density power supply when paired with any 5V gate
Low Switching Losses
drive from an external controller/driver.
Ultra Low Inductance Package
TEXT ADDED FOR SPACING
RoHS Compliant
Top View
Halogen Free
Pb-Free Terminal Plating
APPLICATIONS
Synchronous Buck Converters
– High Frequency Applications
– High Current, Low Duty Cycle Applications
TEXT ADDED FOR SPACING
Multiphase Synchronous Buck Converters
ORDERING INFORMATION
POL DC-DC Converters
Device
Package
Media
Qty
Ship
IMVP, VRM, and VRD Applications
SON 5-mm
× 6-mm
13-Inch
Tape and
CSD87352Q5D
2500
Plastic Package
Reel
Reel
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
TYPICAL POWER BLOCK EFFICIENCY
TYPICAL CIRCUIT
and POWER LOSS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - CSD87352Q5D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD87352Q5D TI-CSD87352Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Descripción similar - CSD87352Q5D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com