Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2015D1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2015D1
Descripción Electrónicos  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2015D1 Datasheet HTML 1Page - Texas Instruments TPA2015D1 Datasheet HTML 2Page - Texas Instruments TPA2015D1 Datasheet HTML 3Page - Texas Instruments TPA2015D1 Datasheet HTML 4Page - Texas Instruments TPA2015D1 Datasheet HTML 5Page - Texas Instruments TPA2015D1 Datasheet HTML 6Page - Texas Instruments TPA2015D1 Datasheet HTML 7Page - Texas Instruments TPA2015D1 Datasheet HTML 8Page - Texas Instruments TPA2015D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPA2015D1
www.ti.com
SLOS638A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
PIN FUNCTIONS
PIN
INPUT/ OUTPUT/
DESCRIPTION
POWER
NAME
WCSP
(I/O/P)
PVDD
A1
I
Class-D power stage supply voltage.
PVOUT
A2
O
Boost converter output.
SW
A3
I
Boost and rectifying switch input.
GND
A4, C2, C4, D1
P
Ground; all ground balls must be connected for proper functionality.
OUT+
B1
O
Positive audio output.
GAIN
B2
I
Gain selection pin.
AGC
B3
I
Enable and select AGC.
VBAT
B4
P
Supply voltage.
OUT
C1
O
Negative audio output.
END
C3
I
Enable for the Class-D amplifier; set to logic high to enable.
IN+
D2
I
Positive audio input.
IN
D3
I
Negative audio input.
ENB
D4
I
Enable for the boost converter; set to logic high to enable.
ORDERING INFORMATION
TA
PACKAGED DEVICES(1)
PART NUMBER(2)
SYMBOL
16-ball, 1.954mm
× 1.954 mm WSCP
TPA2015D1YZHR
OEN
–40°C to 85°C
16-ball, 1.954 mm
× 1.954 mm WSCP
TPA2015D1YZHT
OEN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The YZH package is only available taped and reeled. The suffix
“R” indicates a reel of 3000, the suffix “T” indicates a reel of 250.
ABSOLUTE MAXIMUM RATINGS
Over operating free
–air temperature range, TA= 25°C (unless otherwise noted)
(1)
MIN
MAX
Supply voltage
VBAT
–0.3 V
6 V
Input Voltage, VI
IN+, IN
–0.3 V
VBAT + 0.3 V
Output continuous total power dissipation
See the Thermal Information Table
Operating free-air temperature range, TA
–40°C
85
°C
Operating junction temperature range, TJ
–40°C
150
°C
Storage temperature range, TSTG
–65°C
150
°C
Minimum load impedance
6
HBM
2000 V
ESD Protection
CDM
500 V
MM
100 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA2015D1


Número de pieza similar - TPA2015D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
More results

Descripción similar - TPA2015D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com