Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST110S04P0PBF Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza ST110S04P0PBF
Descripción Electrónicos  Phase Control Thyristors (Stud Version), 110 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST110S04P0PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  ST110S04P0PBF Datasheet HTML 1Page - Vishay Siliconix ST110S04P0PBF Datasheet HTML 2Page - Vishay Siliconix ST110S04P0PBF Datasheet HTML 3Page - Vishay Siliconix ST110S04P0PBF Datasheet HTML 4Page - Vishay Siliconix ST110S04P0PBF Datasheet HTML 5Page - Vishay Siliconix ST110S04P0PBF Datasheet HTML 6Page - Vishay Siliconix ST110S04P0PBF Datasheet HTML 7Page - Vishay Siliconix ST110S04P0PBF Datasheet HTML 8Page - Vishay Siliconix ST110S04P0PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 94393
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 17-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
ST110SPbF Series
Phase Control Thyristors
(Stud Version), 110 A
Vishay Semiconductors
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.3
K/
W
0.4
K/
W
0.6
K/ W
0.8
K/ W
1 K/ W
0.5
K/ W
1.2 K/
W
0
20
40
60
80
100
120
140
160
180
200
220
0
20
40
60
80 100 120 140 160 180
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
ST110S Series
T = 125°C
J
1000
1200
1400
1600
1800
2000
2200
2400
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
ST110S Series
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
0.01
0.1
1
10
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
ST110S Series
Instantaneous On-state Voltage (V)
10
100
1000
10000
0.5
1.5
2.5
3.5
4.5
Tj = 25˚C
Tj = 125˚C
ST110S Series


Número de pieza similar - ST110S04P0PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST110S04P0 IRF-ST110S04P0 Datasheet
96Kb / 8P
   PHASE CONTROL THYRISTORS
ST110S04P0V IRF-ST110S04P0V Datasheet
96Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Descripción similar - ST110S04P0PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-ST110SPBF VISHAY-VS-ST110SPBF_V01 Datasheet
189Kb / 9P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com