Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSHA5201 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza TSHA5201
Descripción Electrónicos  Infrared Emitting Diode, 875 nm, GaAlAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA5201 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSHA5201 Datasheet HTML 1Page - Vishay Siliconix TSHA5201 Datasheet HTML 2Page - Vishay Siliconix TSHA5201 Datasheet HTML 3Page - Vishay Siliconix TSHA5201 Datasheet HTML 4Page - Vishay Siliconix TSHA5201 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81019
4
Rev. 1.9, 29-Jun-09
TSHA5200, TSHA5201, TSHA5202, TSHA5203
Vishay Semiconductors
Infrared Emitting Diode, 875 nm,
GaAlAs
Fig. 7 - Radiant Power vs. Forward Current
Fig. 8 - Relative Radiant Intensity/Power vs. Ambient Temperature
Fig. 9 - Relative Radiant Power vs. Wavelength
Fig. 10 - Relative Radiant Intensity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
IF - Forward Current (mA)
94 8007
103
101
102
104
100
0.1
1
10
1000
100
- 10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 8020
IF = 20 mA
Tamb - Ambient Temperature (°C)
780
880
λ - Wavelenght (nm)
980
94 8000
0
0.25
0.5
0.75
1.0
1.25
IF = 100 mA
p
e
Φ
e
e
)/
λ
()
λ
(
) rel =
λ
Φ
Φ (
0.4
0.2
0
94 8008
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
96 12121
2.54 nom.
0.5
+ 0.15
- 0.05
1.1 ± 0.25
A
C
R 2.49 (sphere)
Area not plane
Ø 5 ± 0.15
0.5
+ 0.15
- 0.05
specifications
according to DIN
technical drawings
Drawing-No.: 6.544-5258.04-4
Issue: 8; 19.05.09


Número de pieza similar - TSHA5201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSHA5201 VISHAY-TSHA5201 Datasheet
89Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHA5201 VISHAY-TSHA5201 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSHA5201 VISHAY-TSHA5201 Datasheet
107Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 24-Aug-11
TSHA5201 VISHAY-TSHA5201 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5201 VISHAY-TSHA5201 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
More results

Descripción similar - TSHA5201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 24-Aug-11
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 06-Oct-09
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6203 VISHAY-TSHA6203_V01 Datasheet
108Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA4401 VISHAY-TSHA4401_V01 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5500 VISHAY-TSHA5500_V01 Datasheet
104Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA6500 VISHAY-TSHA6500_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6200 VISHAY-TSHA6200_09 Datasheet
115Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 25-Jun-09
TSHA4400 VISHAY-TSHA4400 Datasheet
119Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 15-Sep-14
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com