Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSML1000 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza TSML1000
Descripción Electrónicos  High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML1000 Datasheet(HTML) 7 Page - Vishay Siliconix

  TSML1000 Datasheet HTML 1Page - Vishay Siliconix TSML1000 Datasheet HTML 2Page - Vishay Siliconix TSML1000 Datasheet HTML 3Page - Vishay Siliconix TSML1000 Datasheet HTML 4Page - Vishay Siliconix TSML1000 Datasheet HTML 5Page - Vishay Siliconix TSML1000 Datasheet HTML 6Page - Vishay Siliconix TSML1000 Datasheet HTML 7Page - Vishay Siliconix TSML1000 Datasheet HTML 8Page - Vishay Siliconix TSML1000 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TSML1000, TSML1020, TSML1030, TSML1040
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 30-Jun-11
7
Document Number: 81033
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REEL DIMENSIONS in millimeters
TAPING DIMENSIONS in millimeters: TSML1000
Issue: 3; 11.06.08
Drawing-No.: 9.800-5080.01-4
Leader and trailer tape:
Parts mounted
Empty trailer (200 mm, min.)
Empty leader (400 mm, min.)
Direction of pulling out
Unreel direction
Label posted here
coming out from reel
Tape position
X
X
13.2 ±1.5
16 ±0.2
18033
18030
3.05 ± 0.1
0.3
Ø
1.55 ± 0.05
4 ± 0.1
2 ± 0.05
4 ± 0.1
Top tape
Push pin through hole
Quantity per reel: 1000 pcs or 5000 pcs
Feed direction
Anode


Número de pieza similar - TSML1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSML1000 VISHAY-TSML1000 Datasheet
39Kb / 4P
   Extented Power IR Emitting Diode in SMD Package
Rev. 1.8, 08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
353Kb / 10P
   High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
Rev. 1.8, 08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSML1000 VISHAY-TSML1000 Datasheet
198Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 2.1, 13-Mar-14
TSML1000 VISHAY-TSML1000 Datasheet
196Kb / 9P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
More results

Descripción similar - TSML1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSAL5300 VISHAY-TSAL5300_08 Datasheet
214Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
TSAL6200 VISHAY-TSAL6200_08 Datasheet
111Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 2.1, 04-Sep-08
TSAL6400 VISHAY-TSAL6400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7400 VISHAY-TSAL7400_08 Datasheet
117Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Aug-08
TSAL6100 VISHAY-TSAL6100_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.5, 05-Sep-08
VSML3710 VISHAY-VSML3710_08 Datasheet
141Kb / 6P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.3, 04-Sep-08
TSAL7600 VISHAY-TSAL7600_08 Datasheet
120Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL7200 VISHAY-TSAL7200_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.7, 04-Sep-08
TSAL4400 VISHAY-TSAL4400_08 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.6, 16-Sep-08
TSML1030 VISHAY-TSML1030 Datasheet
241Kb / 9P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.9, 04-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com