Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BC807-40 Datasheet(Hoja de datos) 2 Page - Siemens Semiconductor Group

No. de Pieza. BC807-40
Descripción  PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

   
 2 page
background image
Semiconductor Group
2
BC 807
BC 808
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Peak collector current
ICM
A
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TC = 79 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient1)
Rth JA
285
K/W
500
1
330
150
– 65 … + 150
Emitter-base voltage
VEB0
Base current
IB
mA
100
45
25
50
30
BC 807
BC 808
Peak base current
IBM
200
55
Junction - soldering point
Rth JS
215
1)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BCP28PNP Silicon Darlington Transistors For general AF applications High collector current High current gain 1 2 3 4 5 Siemens Semiconductor Group
BCV26PNP Silicon Darlington Transistors For general AF applications High collector current 1 2 3 4 Siemens Semiconductor Group
BC807-16WPNP Silicon AF Transistor For general AF applications High collector current High current gain 1 2 3 4 5 Siemens Semiconductor Group
BCV28PNP Silicon Darlington Transistors For general AF applications High collector current 1 2 3 4 Siemens Semiconductor Group
BCW67BCW68PNP Silicon AF Transistors For general AF applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BCX69PNP Silicon AF Transistors For general AF applications High collector current 1 2 3 4 Siemens Semiconductor Group
BCP29NPN Silicon Darlington Transistors For general AF applications High collector current High current gain 1 2 3 4 5 Siemens Semiconductor Group
BCV27NPN Silicon Darlington Transistors For general AF applications High collector current 1 2 3 4 Siemens Semiconductor Group
BC817-16WNPN Silicon AF Transistor For general AF applications High collector current High current gain 1 2 3 4 5 Siemens Semiconductor Group
BCV29NPN Silicon Darlington Transistors For general AF applications High collector current 1 2 3 4 Siemens Semiconductor Group

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl