Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5400 Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN5400
Descripción Electrónicos  FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5400 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5400 Datasheet HTML 5Page - Fairchild Semiconductor FAN5400 Datasheet HTML 6Page - Fairchild Semiconductor FAN5400 Datasheet HTML 7Page - Fairchild Semiconductor FAN5400 Datasheet HTML 8Page - Fairchild Semiconductor FAN5400 Datasheet HTML 9Page - Fairchild Semiconductor FAN5400 Datasheet HTML 10Page - Fairchild Semiconductor FAN5400 Datasheet HTML 11Page - Fairchild Semiconductor FAN5400 Datasheet HTML 12Page - Fairchild Semiconductor FAN5400 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5400 Family • Rev. 1.0.7
9
I
2C Timing Specifications
Guaranteed by design.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
fSCL
SCL Clock Frequency
Standard Mode
100
kHz
Fast Mode
400
High-Speed Mode, CB < 100pF
3400
High-Speed Mode, CB < 400pF
1700
tBUF
Bus-Free Time between STOP
and START Conditions
Standard Mode
4.7
s
Fast Mode
1.3
tHD;STA
START or Repeated START
Hold Time
Standard Mode
4
s
Fast Mode
600
ns
High-Speed Mode
160
ns
tLOW
SCL LOW Period
Standard Mode
4.7
s
Fast Mode
1.3
s
High-Speed Mode, CB < 100pF
160
ns
High-Speed Mode, CB < 400pF
320
ns
tHIGH
SCL HIGH Period
Standard Mode
4
s
Fast Mode
600
ns
High-Speed Mode, CB < 100pF
60
ns
High-Speed Mode, CB < 400pF
120
ns
tSU;STA
Repeated START Setup Time
Standard Mode
4.7
s
Fast Mode
600
ns
High-Speed Mode
160
ns
tSU;DAT
Data Setup Time
Standard Mode
250
ns
Fast Mode
100
High-Speed Mode
10
tHD;DAT
Data Hold Time
Standard Mode
0
3.45
s
Fast Mode
0
900
ns
High-Speed Mode, CB < 100pF
0
70
ns
High-Speed Mode, CB < 400pF
0
150
ns
tRCL
SCL Rise Time
Standard Mode
20+0.1CB
1000
ns
Fast Mode
20+0.1CB
300
High-Speed Mode, CB < 100pF
10
80
High-Speed Mode, CB < 400pF
20
160
tFCL
SCL Fall Time
Standard Mode
20+0.1CB
300
ns
Fast Mode
20+0.1CB
300
High-Speed Mode, CB < 100pF
10
40
High-Speed Mode, CB < 400pF
20
80
tRDA
tRCL1
SDA Rise Time
Rise Time of SCL after a
Repeated START Condition
and after ACK Bit
Standard Mode
20+0.1CB
1000
ns
Fast Mode
20+0.1CB
300
High-Speed Mode, CB < 100pF
10
80
High-Speed Mode, CB < 400pF
20
160
Continued on the following page…


Número de pieza similar - FAN5400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
FAN54005UCX ONSEMI-FAN54005UCX Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Fairchild Semiconductor
FAN5400UCX FAIRCHILD-FAN5400UCX Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
More results

Descripción similar - FAN5400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com