Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1212D105HN Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza ADC1212D105HN
Descripción Electrónicos  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1212D105HN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ADC1212D105HN Datasheet HTML 7Page - NXP Semiconductors ADC1212D105HN Datasheet HTML 8Page - NXP Semiconductors ADC1212D105HN Datasheet HTML 9Page - NXP Semiconductors ADC1212D105HN Datasheet HTML 10Page - NXP Semiconductors ADC1212D105HN Datasheet HTML 11Page - NXP Semiconductors ADC1212D105HN Datasheet HTML 12Page - NXP Semiconductors ADC1212D105HN Datasheet HTML 13Page - NXP Semiconductors ADC1212D105HN Datasheet HTML 14Page - NXP Semiconductors ADC1212D105HN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
Typical values measured at VDDA =3V, VDDO =1.8 V, Tamb =25 C; minimum and maximum values are across the full temperature range Tamb = 40 C to +85 C at VDDA =3 V,
VDDO = 1.8 V; VINAP  VINAM = 1 dBFS; VINBP  VINBM = 1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified.
10.2 Clock and digital output timing
IMD
intermodulation
distortion
fi = 3 MHz
-
89
-
-
89
-
-
88
-
-
89
-
dBc
fi = 30 MHz
-
88
-
-
88-
-
88-
-
88
-
dBc
fi = 70 MHz
-
87
-
-
87-
-
86-
-
86
-
dBc
fi = 170 MHz
-
84
-
-
85
-
-
83
-
-
84
-
dBc
ct(ch)
channel crosstalk
fi = 70 MHz
-
100
-
-
100
-
-
100
-
-
100
-
dBc
Table 7.
Characteristics[1] …continued
Symbol
Parameter
Conditions
ADC1212D065
ADC1212D080
ADC1212D105
ADC1212D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Table 8.
Clock and digital output timing characteristics[1]
Symbol Parameter
Conditions
ADC1212D065
ADC1212D080
ADC1212D105
ADC1212D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Clock timing input: pins CLKP and CLKM
fclk
clock frequency
20
-
65
60
-
80
75
-
105
100
-
125
MHz
tlat(data)
data latency time
-
14
-
-
14
-
-
14
-
-
14
-
clock
cycles
clk
clock duty cycle
DCS_EN = 1
30
50
70
30
50
70
30
50
70
30
50
70
%
DCS_EN = 0
45
50
55
45
50554550554550
55
%
td(s)
sampling delay
time
-
0.8
-
-
0.8
-
-
0.8
-
-
0.8
-
ns
twake
wake-up time
-
76
-
-
76
-
-
76
-
-
76
-
s
CMOS mode timing: pins DA11 to DA0, DB13 to DB0 and DAV
tPD
propagation delay DATA
-
3.9
-
-
3.9
-
-
3.9
-
-
3.9
-
ns
DAV
-
4.2
-
-
4.2
-
-
4.2
-
-
4.2
-
ns
tsu
set-up time
-
8.6
-
-
7.4
-
-
6.1
-
-
5.7
-
ns
th
hold time
-
4.8
-
-
3.4
-
-
1.8
-
-
1.4
-
ns
tr
rise time
DATA
[2]
0.5
-
2.4
0.5
-
2.4
0.5
-
2.4
0.5
-
2.4
ns
DAV
0.5
-
2.4
0.5
-
2.4
0.5
-
2.4
0.5
-
2.4
ns
tf
fall time
DATA
[2]
0.5
-
2.4
0.5
-
2.4
0.5
-
2.4
0.5
-
2.4
s


Número de pieza similar - ADC1212D105HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1212D105HN-C1 IDT-ADC1212D105HN-C1 Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results

Descripción similar - ADC1212D105HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com