Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1212D080HN Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza ADC1212D080HN
Descripción Electrónicos  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1212D080HN Datasheet(HTML) 1 Page - NXP Semiconductors

  ADC1212D080HN Datasheet HTML 1Page - NXP Semiconductors ADC1212D080HN Datasheet HTML 2Page - NXP Semiconductors ADC1212D080HN Datasheet HTML 3Page - NXP Semiconductors ADC1212D080HN Datasheet HTML 4Page - NXP Semiconductors ADC1212D080HN Datasheet HTML 5Page - NXP Semiconductors ADC1212D080HN Datasheet HTML 6Page - NXP Semiconductors ADC1212D080HN Datasheet HTML 7Page - NXP Semiconductors ADC1212D080HN Datasheet HTML 8Page - NXP Semiconductors ADC1212D080HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1.
General description
The ADC1212D is a dual channel 12-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performances and low power consumption at sample rates up to 125 Msps.
Pipelined architecture and output error correction ensure the ADC1212D is accurate
enough to guarantee zero missing codes over the entire operating range. Supplied from a
single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in
Complementary Metal Oxide Semiconductor (CMOS) mode, because of a separate digital
output supply. It supports the Low Voltage Differential Signalling (LVDS) Double Data Rate
(DDR) output standard. An integrated Serial Peripheral Interface (SPI) allows the user to
easily configure the ADC. The device also includes a programmable full-scale SPI to allow
a flexible input voltage range of 1 V (p-p) to 2 V (p-p). With excellent dynamic
performance from the baseband to input frequencies of 170 MHz or more, the ADC1212D
is ideal for use in communications, imaging and medical applications.
2.
Features and benefits
3.
Applications
ADC1212D series
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;
CMOS or LVDS DDR digital outputs
Rev. 2 — 4 March 2011
Product data sheet
SNR, 70 dBFS
Input bandwidth, 600 MHz
SFDR, 86 dBc
Power dissipation, 855 mW at 80 Msps
Sample rate up to 125 Msps
Serial Peripheral Interface (SPI)
Clock input divided by 2 to reduce jitter
contribution
Duty cycle stabilizer
Single 3 V supply
Fast OuT-of-Range (OTR) detection
Flexible input voltage range:
1Vto 2V(p-p)
Offset binary, two’s complement, gray
code
CMOS or LVDS DDR digital outputs
Power-down and Sleep modes
Pin and software compatible with
ADC1412D series and ADC1112D125.
HVQFN64 package
Wireless and wired broadband
communications
Spectral analysis
Portable instrumentation
Ultrasound equipment
Imaging systems
Software defined radio


Número de pieza similar - ADC1212D080HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1212D080HN-C1 IDT-ADC1212D080HN-C1 Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results

Descripción similar - ADC1212D080HN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com