Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC1415S125HN Datasheet(PDF) 1 Page - NXP Semiconductors |
|
ADC1415S125HN Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 42 page 1. General description The ADC1415S is a single channel 14-bit Analog-to-Digital Converter (ADC) optimized for high dynamic performance and low power consumption at sample rates up to 125 Msps. Pipelined architecture and output error correction ensure the ADC1415S is accurate enough to guarantee zero missing codes over the entire operating range. Supplied from a single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode, thanks to a separate digital output supply. The ADC1415S supports the Low Voltage Differential Signalling (LVDS) Double Data Rate (DDR) output standard. An integrated Serial Peripheral Interface (SPI) allows the user to easily configure the ADC. The device also includes a SPI programmable full-scale to allow flexible input voltage range from 1 V to 2 V (peak-to-peak). With excellent dynamic performance from the baseband to input frequencies of 170 MHz or more, the ADC1415S is ideal for use in communications, imaging and medical applications - especially in high Intermediate Frequency (IF) applications thanks to the integrated input buffer. The input buffer ensures that the input impedance remains constant and low and the performance consistent over a wide frequency range. 2. Features and benefits ADC1415S series Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs Rev. 4 — 17 December 2010 Product data sheet SNR, 72 dBFS; SFDR, 86 dBc Input bandwidth, 600 MHz Sample rate up to 125 Msps Power dissipation, 635 mW at 80 Msps, including analog input buffer 14-bit pipelined ADC core Serial Peripheral Interface (SPI) Clock input divided by 2 for less jitter contribution Duty cycle stabilizer Integrated input buffer Fast OuT-of-Range (OTR) detection Flexible input voltage range: 1 V (p-p) to 2 V (p-p) Offset binary, two’s complement, gray code CMOS or LVDS DDR digital outputs Power-down mode and Sleep mode Pin compatible with ADC1215S series, ADC1015S series and the ADC1115S125 HVQFN40 package |
Número de pieza similar - ADC1415S125HN |
|
Descripción similar - ADC1415S125HN |