Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BCW60A Datasheet(PDF) 9 Page - Siemens Semiconductor Group

No. de Pieza. BCW60A
Descripción  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

BCW60A Datasheet(HTML) 9 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Semiconductor Group
9
Noise figure F = f (f)
IC = 0.2 mA, RS = 2 k
Ω,VCE = 5 V
Noise figure F = f (IC)
VCE = 5 V, f = 1 kHz
Noise figure F = f (IC)
VCE = 5 V, f = 120 Hz
Noise figure F = f (IC)
VCE = 5 V, f = 10 kHz
BCW 60
BCX 70


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BC846-BC850NPN Silicon AF Transistors For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847SNPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856-BC860PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BCW61PNP Silicon AF Transistors For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856W-BC860WPNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846SNPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn