Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BCW61FN Datasheet(PDF) 5 Page - Siemens Semiconductor Group

No. de Pieza. BCW61FN
Descripción  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

BCW61FN Datasheet(HTML) 5 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BCW 61
BCX 71
Semiconductor Group
5
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
dB
Noise figure
IC = 0.2 mA, VCE = 5 V, RS = 2 k
f = 1 kHz,
f = 200 Hz
BCW 61 A to BCX 71 K
BCW 61 FF, BCW 61 FN
F
2
1
2
Unit
Values
Parameter
Symbol
min.
typ.
max.
AC characteristics
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCW 61 A, BCX 71 G
BCW 61 B, BCX 71 H
BCW 61 FF, BCW 61 C, BCX 71 J
BCW 61 FN, BCW 61 D, BCX 71 K
h21e
200
260
330
520
µs
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCW 61 A, BCX 71 G
BCW 61 B, BCX 71 H
BCW 61 FF, BCW 61 C, BCX 71 J
BCW 61 FN, BCW 61 D, BCX 71 K
h22e
18
24
30
50
µV
Equivalent noise voltage
IC = 0.2 mA, VCE = 5 V, RS = 2 k
f = 10 Hz … 50 Hz
BCW 61 FF, BCW 61 FN
Vn
0.11


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BC856-BC860PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856W-BC860WPNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BCW60NPN Silicon AF Transistors For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC857SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846-BC850NPN Silicon AF Transistors For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847SNPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn