Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VCX16373DT Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza MC74VCX16373DT
Descripción Electrónicos  LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VCX16373DT Datasheet(HTML) 5 Page - Motorola, Inc

  MC74VCX16373DT Datasheet HTML 1Page - Motorola, Inc MC74VCX16373DT Datasheet HTML 2Page - Motorola, Inc MC74VCX16373DT Datasheet HTML 3Page - Motorola, Inc MC74VCX16373DT Datasheet HTML 4Page - Motorola, Inc MC74VCX16373DT Datasheet HTML 5Page - Motorola, Inc MC74VCX16373DT Datasheet HTML 6Page - Motorola, Inc MC74VCX16373DT Datasheet HTML 7Page - Motorola, Inc MC74VCX16373DT Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74VCX16373
LCX DATA
BR1339 — REV 2
5
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (1.8V
≤ VCC < 2.3V)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage
1.8V
≤ VCC < 2.3V
0.7
× VCC
V
VIL
LOW Level Input Voltage
1.8V
≤ VCC < 2.3V
0.2
× VCC
V
VOH
HIGH Level Output Voltage
VCC = 1.8V; IOH = –100µA
VCC – 0.2
V
VCC = 1.8V; IOH = –6mA
1.4
VOL
LOW Level Output Voltage
VCC = 1.8V; IOL = 100µA
0.2
V
VCC = 1.8V; IOL = 6mA
0.3
II
Input Leakage Current
VCC = 1.8V; 0 ≤ VI ≤ 3.6V
±5.0
µA
IOZ
3–State Output Current
VCC = 1.8V; 0 ≤ VO ≤ 3.6V; VI = VIH or VIL
±10
µA
IOFF
Power–Off Leakage Current
VCC = 0V; 0V ≤ (VI, VO) ≤ 3.6V
10
µA
ICC
Quiescent Supply Current
VCC = 1.8V; VI = VCC or GND
20
µA
VCC = 1.8V; VCC ≤ (VI, VO) ≤ 3.6V
±20
AC CHARACTERISTICS (Note 4.; tR = tF = 2.0ns; CL = 30pF; RL = 500Ω)
Limits
TA = –40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.3V to 2.7V
VCC = 1.8V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Dn to On
1
0.8
0.8
3.0
3.0
1.0
1.0
3.4
3.4
6.0
6.0
ns
tPLH
tPHL
Propagation Delay
LE to On
1
0.8
0.8
3.1
3.1
1.0
1.0
3.9
3.9
6.0
6.0
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
0.8
0.8
3.5
3.5
1.0
1.0
4.6
4.6
7.0
7.0
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
0.8
0.8
3.5
3.5
1.0
1.0
3.8
3.8
5.0
5.0
ns
ts
Setup Time, High or Low Dn to LE
3
1.5
1.5
2.5
ns
th
Hold Time, High or Low Dn to LE
3
1.0
1.0
1.0
ns
tw
LE Pulse Width, High
3
1.5
1.5
3.0
ns
tOSHL
tOSLH
Output–to–Output Skew
(Note 5.)
0.5
0.5
0.5
0.5
0.5
0.5
ns
4. These AC parameters are preliminary and may be modified prior to release. For CL = 50pF, add approximately 300ps to the AC maximum
specification.
5. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter
guaranteed by design.


Número de pieza similar - MC74VCX16373DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74VCX16374 MOTOROLA-MC74VCX16374 Datasheet
142Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP
MC74VCX16374DT MOTOROLA-MC74VCX16374DT Datasheet
142Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP
More results

Descripción similar - MC74VCX16373DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com