Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM5402W Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADUM5402W
Descripción Electrónicos  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM5402W Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM5402W Datasheet HTML 3Page - Analog Devices ADUM5402W Datasheet HTML 4Page - Analog Devices ADUM5402W Datasheet HTML 5Page - Analog Devices ADUM5402W Datasheet HTML 6Page - Analog Devices ADUM5402W Datasheet HTML 7Page - Analog Devices ADUM5402W Datasheet HTML 8Page - Analog Devices ADUM5402W Datasheet HTML 9Page - Analog Devices ADUM5402W Datasheet HTML 10Page - Analog Devices ADUM5402W Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADuM5401W/ADuM5402W/ADuM5403W
Rev. 0 | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 10.
Parameter
Rating
Storage Temperature (TST)
−55°C to +150°C
Ambient Operating Temperature
Range (TA)
−40°C to +105°C
Supply Voltages (VDD, VISO)1
−0.5 V to +7.0 V
VISO Supply Current2
TA = −40°C to +85°C
100 mA
TA = −40°C to +105°C
60 mA
Input Voltage (VIA, VIB, VIC, VID)1, 3
−0.5 V to VDDI + 0.5 V
Output Voltage (RCOUT, VOA, VOB, VOC, VOD)1,3
−0.5 V to VDDO + 0.5 V
Average Output Current Per Data
Output Pin4
−10 mA to +10 mA
Maximum Cumulative AC HiPot
5 min @ 2500 V rms
Maximum Cumulative DC HiPot
5 min @ 3500 VDC
Common-Mode Transients5
−100 kV/μs to +100 kV/μs
1 All voltages are relative to their respective grounds.
2 The VISO provides current for dc and dynamic loads on the VISO I/O channels.
This current must be included when determining the total VISO supply
current. For ambient temperatures between 85°C and 105°C, maximum
allowed current is reduced.
3 VDDI and VDDO refer to the supply voltages on the input and output sides of a
given channel, respectively. See the PCB Layout section.
4 See Figure 5 for the maximum rated current values for various temperatures.
5 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 11. Maximum Continuous Working Voltage Supporting
50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable
Certification
AC Voltage
Bipolar Waveform
424
V peak
All certifications,
50-year operation
Basic Insulation
560
V peak
Working voltage
per IEC 60950-1
Unipolar Waveform
Basic Insulation
560
V peak
Working voltage
per IEC 60950-1
DC Voltage
Basic Insulation
560
V peak
Working voltage
per IEC 60950-1
1 Refers to the continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more information.
ESD CAUTION


Número de pieza similar - ADUM5402W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402WCRWZ-1 AD-ADUM5402WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results

Descripción similar - ADUM5402W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com