Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53353 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS53353
Descripción Electrónicos  High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53353 Datasheet HTML 5Page - Texas Instruments TPS53353 Datasheet HTML 6Page - Texas Instruments TPS53353 Datasheet HTML 7Page - Texas Instruments TPS53353 Datasheet HTML 8Page - Texas Instruments TPS53353 Datasheet HTML 9Page - Texas Instruments TPS53353 Datasheet HTML 10Page - Texas Instruments TPS53353 Datasheet HTML 11Page - Texas Instruments TPS53353 Datasheet HTML 12Page - Texas Instruments TPS53353 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
1
10
100
1000
0.01
0.1
1
10
20
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.1 V
fSW = 750 kHz
G001
1
10
100
1000
0.01
0.1
1
10
20
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.1 V
fSW = 1 MHz
G001
1.080
1.085
1.090
1.095
1.100
1.105
1.110
1.115
1.120
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
Skip Mode
FCCM
fSW = 500 kHz
VIN = 12 V
VOUT = 1.1 V
G001
0
300
600
900
1200
1500
0
1
2
3
4
5
6
Output Voltage (V)
fSET = 300 kHz
fSET = 500 kHz
fSET = 750 kHz
fSET = 1 MHz
VIN = 12 V
IOUT = 10 A
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
20
Output Current (A)
Skip Mode, fSW = 500 kHz
FCCM, fSW = 500 kHz
Skip Mode, fSW = 300 kHz
FCCM, fSW = 300 kHz
VIN = 12 V
VVDD = 5 V
VOUT = 1.1 V
G001
1.080
1.085
1.090
1.095
1.100
1.105
1.110
1.115
1.120
4
6
8
10
12
14
16
Input Voltage (V)
FCCM, IOUT = 0 A
Skip Mode, IOUT = 0 A
FCCM and Skip Mode, IOUT = 20 A
fSW = 500 kHz
VIN = 12 V
TPS53353
www.ti.com
SLUSAK2
– AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
Figure 9. Switching Frequency vs. Output Current
Figure 10. Switching Frequency vs. Output Current
Figure 11. Switching Frequency vs. Output Voltage
Figure 12. Output Voltage vs. Output Current
Figure 13. Output Voltage vs. Input Voltage
Figure 14. Efficiency vs Output Current
Copyright
© 2011, Texas Instruments Incorporated
9


Número de pieza similar - TPS53353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53353 TI1-TPS53353 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353DQPT TI1-TPS53353DQPT Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53353DQPT TI1-TPS53353DQPT Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
More results

Descripción similar - TPS53353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
TPS53318 TI-TPS53318 Datasheet
1Mb / 34P
[Old version datasheet]   High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
TPS53353EVM-744 TI1-TPS53353EVM-744 Datasheet
3Mb / 24P
[Old version datasheet]   Synchronous Buck Converter With Eco-mode??Control Scheme
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Texas Instruments
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com