Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2069C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2069C
Descripción Electrónicos  Current-Limited, Power-Distribution Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2069C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2069C Datasheet HTML 6Page - Texas Instruments TPS2069C Datasheet HTML 7Page - Texas Instruments TPS2069C Datasheet HTML 8Page - Texas Instruments TPS2069C Datasheet HTML 9Page - Texas Instruments TPS2069C Datasheet HTML 10Page - Texas Instruments TPS2069C Datasheet HTML 11Page - Texas Instruments TPS2069C Datasheet HTML 12Page - Texas Instruments TPS2069C Datasheet HTML 13Page - Texas Instruments TPS2069C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−4
−2
0
2
4
6
8
10
Output Voltage
FLT
EN
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (s)
Output
Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2069C
G017
−12.5m
−7.5m
−2.5m
2.5m
7.5m
12.5m
−4
−2
0
2
4
6
8
10
Output Voltage
FLT
EN
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2069C
G018
8.8
8.9
9.0
9.1
9.2
9.3
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
All Versions, 5 V
G019
0
2
4
6
8
10
12
14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
−40°C
25°C
85°C
125°C
Output Voltage (V)
VIN = 5 V
G020
0.5
1.0
1.5
2.0
2.5
3.0
3.5
−40
−20
0
20
40
60
80
100
120
140
0.5-A Rated
1-A Rated
1.5-A Rated
2-A Rated
Junction Temperature (°C)
VIN = 5 V
G021
−1
0
1
2
3
4
5
6
7
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
All Unit Types, 5 V
G022
TPS20xxC
SLVSAU6C
– JUNE 2011 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 25. TPS2069CDGN Enable into Short
Figure 26. TPS2069CDGN Pulsed Output Short
Figure 27. Deglitch Period (tFLT) vs Temperature
Figure 28. Output Discharge Current vs Output Voltage
Figure 29. Short Circuit Current (IOS) vs Temperature
Figure 30. Reverse Leakage Current (IREV) vs Temperature
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS20xxC


Número de pieza similar - TPS2069C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2069C TI1-TPS2069C Datasheet
1Mb / 26P
[Old version datasheet]   Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
TPS2069C-2 TI1-TPS2069C-2 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2069CDBVR TI-TPS2069CDBVR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2069CDBVR TI1-TPS2069CDBVR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2069CDBVT TI1-TPS2069CDBVT Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Descripción similar - TPS2069C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com