Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53353DQPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS53353DQPR
Descripción Electrónicos  High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353DQPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53353DQPR Datasheet HTML 2Page - Texas Instruments TPS53353DQPR Datasheet HTML 3Page - Texas Instruments TPS53353DQPR Datasheet HTML 4Page - Texas Instruments TPS53353DQPR Datasheet HTML 5Page - Texas Instruments TPS53353DQPR Datasheet HTML 6Page - Texas Instruments TPS53353DQPR Datasheet HTML 7Page - Texas Instruments TPS53353DQPR Datasheet HTML 8Page - Texas Instruments TPS53353DQPR Datasheet HTML 9Page - Texas Instruments TPS53353DQPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Shutdown
VREG
VDDOK
LL
TPS53353
tON
One-
Shot
Control
Logic
+
+ OCP
ZC
GND
LL
XCON
GND
+
1.2 V/0.95 V
EN
UVP/OVP
Logic
+
THOK
145°C/
135°C
+
4.2 V/
3.95 V
VIN
VBST
Fault
LL
GND
RF
+
+
PWM
+
OV
+20%
UV
+
0.6 V –30%
Delay
SS
0.6 V
VFB
TRIP
Enable
+
+
Delay
0.6 V +10/15%
0.6 V –5/10%
PGOOD
Control Logic
·
On/Off time
·
Minimum On /Off
·
Light load
·
OVP/UVP
·
FCCM/Skip
UDG-11048
10 ?A
VREG
+
SS
FCCM/
Skip
Decode
MODE
VDD
Ramp
Compensation
+
LDO
EN
TPS53353
SLUSAK2
– AUGUST 2011
www.ti.com
BLOCK DIAGRAM
6
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - TPS53353DQPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
More results

Descripción similar - TPS53353DQPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
TPS53318 TI-TPS53318 Datasheet
1Mb / 34P
[Old version datasheet]   High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
TPS53353EVM-744 TI1-TPS53353EVM-744 Datasheet
3Mb / 24P
[Old version datasheet]   Synchronous Buck Converter With Eco-mode??Control Scheme
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Texas Instruments
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com