Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53353DQPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS53353DQPR
Descripción Electrónicos  High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353DQPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS53353DQPR Datasheet HTML 3Page - Texas Instruments TPS53353DQPR Datasheet HTML 4Page - Texas Instruments TPS53353DQPR Datasheet HTML 5Page - Texas Instruments TPS53353DQPR Datasheet HTML 6Page - Texas Instruments TPS53353DQPR Datasheet HTML 7Page - Texas Instruments TPS53353DQPR Datasheet HTML 8Page - Texas Instruments TPS53353DQPR Datasheet HTML 9Page - Texas Instruments TPS53353DQPR Datasheet HTML 10Page - Texas Instruments TPS53353DQPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
UDG-11049
RF
TRIP
MODE
VDD
VREG VIN
VIN
VIN
VIN
VIN
VIN
TPS53353
VFB
EN
PGOOD
VBST
N/C
LL
LL
LL
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
VOUT
C5
0.1 mF
VREG
CIN
22 mF
GND
LL
LL
LL
L1
0.44 mH
PA0513.441
COUT
330 mF
R1
8.25 kW
R2
10 kW
EN
PGOOD
R10
100 kW
VIN
R11
NI
C6
NI
COUT
330 mF
R9
2 W
CIN
22 mF
CIN
22 mF
CIN
22 mF
3 V
to
15 V
R6
200 kW
R8
100 kW
R4
187 kW
C4
4.7 mF
C3
1 mF
VVDD
4.5 V to 25 V
UDG-11050
RF
TRIP
MODE
VDD
VREG VIN
VIN
VIN
VIN
VIN
VIN
TPS53353
VFB
EN
PGOOD
VBST
N/C
LL
LL
LL
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
VOUT
C5
0.1 mF
VREG
CIN
22 mF
GND
LL
LL
LL
L1
0.44 mH
PA0513.441
COUT
4 x 100 mF
Ceramic
R1 8.06 kW
R2
10 kW
EN
PGOOD
R10
100 kW
VIN
R11
NI
C6
NI
R9
2 W
CIN
22 mF
CIN
22 mF
CIN
22 mF
3 V
to
15 V
R6
200 kW
R8
100 kW
R4
187 kW
C4
4.7 mF
C3
1 mF
VVDD
4.5 V to 25 V
R7
3.01 kW
C1
0.1 mF
C2
1 nF
TPS53353
www.ti.com
SLUSAK2
– AUGUST 2011
APPLICATION CIRCUIT DIAGRAM
Figure 1. Typical Application Circuit Diagram
Figure 2. Typical Application Circuit Diagram with Ceramic Output Capacitors
Copyright
© 2011, Texas Instruments Incorporated
7


Número de pieza similar - TPS53353DQPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
More results

Descripción similar - TPS53353DQPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
TPS53318 TI-TPS53318 Datasheet
1Mb / 34P
[Old version datasheet]   High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
TPS53353EVM-744 TI1-TPS53353EVM-744 Datasheet
3Mb / 24P
[Old version datasheet]   Synchronous Buck Converter With Eco-mode??Control Scheme
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Texas Instruments
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com