Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62080 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62080
Descripción Electrónicos  1.2A High Efficient Step Down Converter in 2x2mm SON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 3Page - Texas Instruments TPS62080 Datasheet HTML 4Page - Texas Instruments TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments TPS62080 Datasheet HTML 10Page - Texas Instruments TPS62080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
VIN = 2.8 V, Snooze Mode
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
TPS62080
VOUT = 0.9 V
G001
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
VIN = 2.8 V, Snooze Mode
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
TPS62080
VOUT = 1.2 V
G002
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 3.6 V
VIN = 4.2 V
VIN = 5.0 V
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
VIN = 5.0 V, Snooze Mode
TPS62080
VOUT = 2.5 V
G003
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
VIN = 2.8 V, Snooze Mode
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
TPS62081
VOUT = 1.8 V
G005
TPS62080
TPS62081
TPS62082
www.ti.com
SLVSAE8
– SEPTEMBER 2011
Figure
Load Transient
TPS62080, VIN = 3.3V, VOUT = 1.2V, Load Current = 50mA to 1A
Figure 26
Line Transient
TPS62080, VIN = 3.3V to 4.2V, VOUT = 1.2V, Load = 2.2Ω
Figure 27
TPS62080, VIN = 3.3V, VOUT = 1.2V, Load = 2.2Ω
Figure 28
Startup
TPS62080, VIN = 3.3V, VOUT = 1.2V, No Load
Figure 29
Shutdown with
TPS62080, VIN = 3.3V, VOUT = 1.2V, No Load
Figure 30
Output Discharge
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 4.
Figure 5.
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 6.
Figure 7.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62080 TPS62081 TPS62082


Número de pieza similar - TPS62080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62080 TI-TPS62080 Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI-TPS62080 Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080A TI-TPS62080A Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080A TI-TPS62080A Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
More results

Descripción similar - TPS62080

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com