Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5267B Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

No. de pieza 1N5267B
Descripción Electrónicos  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5267B Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  1N5267B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5267B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N5267B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1N5267B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd 1N5267B Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0243
Rev. 1.0, 22-Sep-11
1N52 SERIES
■特性曲线(典型) Characteristics(Typical)
0
200
0
Tamb(℃)
1:总功率损耗与环境温度关系
FIG1: Total Power Dissipation vs. Ambient Temperature
600
300
40
80
120
160
100
200
400
500
025
1
Vz(V)
3:工作电压在工作条件Tamb=25度下的典型变化
FIG3:Typical Change of Working Voltage under
Operating Conditions at Tamb=25℃
1000
10
100
5
10
15
20
Tj=25℃
Iz=5mA
-60
180
0.8
Tj(
)
4:工作电压 的典型变化与 结温的关系
FIG4: Typical Change of W orking Voltage vs.
Junction Temperature
1.3
60
0120
1.2
1.1
1.0
0.9
240
-4× 10-4/K
Vztn=Vzt/Vz(25
)
-4× 10-4/K
0
2×10-4/K
4×10-4/K
6×10-4/K
8×10-4/K
-4× 10-4/K
TKvz=10×10-4/K
0
20
0
L ( mm)
2 :热阻与引线长 度关系
F IG 2: T h e rm al R es is tanc e v s . Lead Leng th
500
10
51 5
400
300
20 0
100
T L= c o ns tant
0
40
-5
Vz(V)
5: 温度系数与齐纳电压的关系
FIG 5: Tem perature C oefficient of Vz vs. Z-voltage
20
10
30
15
10
5
0
50
0
0.8
0.001
VF(V)
6:正 向电流与 正向电压 的关系
FIG 6: Forw ard C urrent vs. Forw ard Voltage
100
0.4
0.2
0.6
10
1.0
0.1
0.01
1.0
Tj=25℃


Número de pieza similar - 1N5267B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5267B VISHAY-1N5267B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Gaomi Xinghe Electronic...
1N5267B GXELECTRONICS-1N5267B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
First Components Intern...
1N5267B FCI-1N5267B Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Zibo Seno Electronic En...
1N5267B ZSELEC-1N5267B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
EIC discrete Semiconduc...
1N5267B EIC-1N5267B Datasheet
38Kb / 2P
   ZENER DIODES
More results

Descripción similar - 1N5267B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com