Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF623 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza BF623
Descripción Electrónicos  PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF623 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BF623 Datasheet HTML 1Page - Siemens Semiconductor Group BF623 Datasheet HTML 2Page - Siemens Semiconductor Group BF623 Datasheet HTML 3Page - Siemens Semiconductor Group BF623 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon High-Voltage Transistor
BF 623
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BF 623
Q62702-F1053
DB
SOT-89
1
2
3
B
C
E
Thermal Resistance
Junction - ambient2)
Rth JA
90
K/W
Junction - soldering point
Rth JS
30
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
250
V
Peak collector current
ICM
100
Collector current
IC
50
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS = 120 ˚C
Ptot
1W
Storage temperature range
Tstg
– 65 … + 150
Collector-base voltage
VCB0
250
Emitter-base voltage
VEB0
5
Collector-emitter voltage, RBE = 2.7 k
VCER
250
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
Suitable for video output stages in TV sets
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Low capacitance
q
Complementary type: BF 622 (NPN)
5.91


Número de pieza similar - BF623

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF623 PHILIPS-BF623 Datasheet
40Kb / 8P
   PNP high-voltage transistors
1999 Apr 21
BF623 NXP-BF623 Datasheet
132Kb / 10P
   PNP high-voltage transistors
2004 Dec 14
logo
Nexperia B.V. All right...
BF623 NEXPERIA-BF623 Datasheet
321Kb / 11P
   PNP high-voltage transistors
2004 Dec 14
More results

Descripción similar - BF623

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BF622 SIEMENS-BF622 Datasheet
129Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN21 SIEMENS-BFN21 Datasheet
128Kb / 4P
   PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN37 SIEMENS-BFN37 Datasheet
127Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BF721 SIEMENS-BF721 Datasheet
130Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN17 SIEMENS-BFN17 Datasheet
138Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN20 SIEMENS-BFN20 Datasheet
128Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN22 SIEMENS-BFN22 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN24 SIEMENS-BFN24 Datasheet
137Kb / 4P
   NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com