Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DL4760A Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

No. de pieza DL4760A
Descripción Electrónicos  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANGJIE [Yangzhou yangjie electronic co., ltd]
Página de inicio  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

DL4760A Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  DL4760A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd DL4760A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd DL4760A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0247
Rev. 1.0, 22-Sep-11
www.21yangjie.com
DL47 SERIES
■特性曲线(典型) Characteristics(Typical)
0
200
0
Tamb(℃ )
1: 可接受 功率损 耗与环境 温度关 系
FIG1: Admissible Power Dissipation vs. Ambient Temperat
0.6
100
0.2
0.4
0.8
1.0


Número de pieza similar - DL4760A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
DL4760A RECTRON-DL4760A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Shenzhen Luguang Electr...
DL4760A LUGUANG-DL4760A Datasheet
496Kb / 3P
   Zener Diode
logo
Formosa MS
DL4760A FORMOSA-DL4760A Datasheet
82Kb / 3P
   Zener diode
logo
First Components Intern...
DL4760A FCI-DL4760A Datasheet
104Kb / 2P
   1 Watt [3.3~100V] ZENER DIODES Junction Temp.
logo
Formosa MS
DL4760A FORMOSA-DL4760A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Descripción similar - DL4760A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com