Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC3150-D9C-TR5 Datasheet(PDF) 3 Page - Cymbet Corporation

No. de pieza CBC3150-D9C-TR5
Descripción Electrónicos  EnerChip CC with Integrated Power Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYMBET [Cymbet Corporation]
Página de inicio  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3150-D9C-TR5 Datasheet(HTML) 3 Page - Cymbet Corporation

  CBC3150-D9C-TR5 Datasheet HTML 1Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 2Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 3Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 4Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 5Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 6Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 7Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 8Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
EnerChip CC CBC3150
©2009-2010 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-03 Rev C
Page 3 of 15
Pin Number
Label
Description
1
VBAT
Positive EnerChip Terminal - Tie to Pin 4
2
VOUT
System Voltage
3
VDD
Input Voltage
4
VCHG
EnerChip Charge Voltage - Tie to Pin 1 and/or Optional
EnerChip(s)
5
ENABLE
Charge Pump Enable
6
VMODE
Mode Select for Backup Switchover Threshold
7
GND
System Ground
8
RESET
Reset Signal (Active Low)
9
CP
Flying Capacitor Positive
10
CN
Flying Capacitor Negative
11
NC
No Connection
12
NC
No Connection
13
NC
No Connection
14
GND
System Ground
15
NC
No Connection
16
NC
No Connection
17
NC
No Connection
18
NC
No Connection
19
NC
No Connection
20
NC
No Connection
Device Input/Ouput Descriptions
Figure 3: EnerChip CC CBC3150 Package Pin-out
VCHG
ENABLE
RESET
CP
CN
NC
NC
NC
NC
NC
NC
GND
NC
NC
NC


Número de pieza similar - CBC3150-D9C-TR5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results

Descripción similar - CBC3150-D9C-TR5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com