Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM2N70CHC5G Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM2N70CHC5G
Descripción Electrónicos  700V N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N70CHC5G Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM2N70CHC5G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N70CHC5G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N70CHC5G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N70CHC5G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N70CHC5G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N70CHC5G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2N70CHC5G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM2N70CHC5G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM2N70CHC5G Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TSM2N70
700V N-Channel Power MOSFET
6/10
Version: B11
Diode Reverse Recovery Time Test Circuit & Waveform


Número de pieza similar - TSM2N70CHC5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM2N70CHC5 TSC-TSM2N70CHC5 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
More results

Descripción similar - TSM2N70CHC5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ12N70 DGNJDZ-NJ12N70 Datasheet
1,009Kb / 9P
   12A 700V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com