Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM2N70CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM2N70CPROG
Descripción Electrónicos  700V N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N70CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2N70CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N70CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N70CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N70CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N70CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N70CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N70CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2N70CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM2N70CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSM2N70
700V N-Channel Power MOSFET
1/10
Version: B11
TO-220
TO-251
(IPAK)
TO-252
(DPAK)
PRODUCT SUMMARY
VDS (V)
RDS(on)( )
ID (A)
700
6.5 @ VGS =10V
1
General Description
The TSM2N70 N-Channel enhancement mode Power MOSFET is produced by planar stripe DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior
switching performance, and withstand high energy pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency switch mode power supply, power factor correction, electronic lamp
ballast based on half bridge.
Features
Low RDS(ON) 6.5
(Max.)
Low gate charge typical @ 9.5nC (Typ.)
Low Crss typical @ 4.5pF (Typ.)
Fast Switching
Ordering Information
Part No.
Package
Packing
TSM2N70CZ C0
TO-220
50pcs / Tube
TSM2N70CH C5
TO-251
70pcs / Tube
TSM2N70CH C5G
TO-251
70pcs / Tube
TSM2N70CP RO
TO-252
2.5Kpcs / 13” Reel
TSM2N70CP ROG
TO-252
2.5Kpcs / 13” Reel
Note: “G” denote for Halogen Free Product
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
700
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
2
A
Pulsed Drain Current *
IDM
8
A
Repetitive avalanche Current
IAR
2
A
Single Pulse Avalanche Energy (Note 2)
EAS
110
mJ
Maximum Power Dissipation @TC = 25
oC
PTOT
45
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
* Limited by maximum junction temperature
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
JC
2.78
oC/W
Thermal Resistance - Junction to Ambient
JA
100
oC/W
Notes: Surface mounted on FR4 board t ≤ 10sec
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Gate
2. Drain
3. Source


Número de pieza similar - TSM2N70CPROG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM2N70CPRO TSC-TSM2N70CPRO Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
More results

Descripción similar - TSM2N70CPROG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ12N70 DGNJDZ-NJ12N70 Datasheet
1,009Kb / 9P
   12A 700V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com