Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAP64-05W Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

No. de pieza BAP64-05W
Descripción Electrónicos  PIN DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Página de inicio  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

BAP64-05W Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  BAP64-05W Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. BAP64-05W Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIN DIODES
FEATURES
High voltage, current controlled
RF resistor for RF attenuators and switches
Low diode capacitance
Low diode forward resistance
Low series inductance
For applications up to 3 GHz
RF attenuators and switches
Marking:
5W
Maximum Ratings @TA=25
Parameter
Symbol
Limits
Unit
Continuous reverse voltage
VR
175
V
Continuous Forward Current
IF
100
mA
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
℃/W
Junction temperature
Tj
150
Storage temperature
TSTG
-65~+150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Reverse voltage leakage current
IR
VR=175V
VR=20V
10
1
µA
Forward voltage
VF
IF=50mA
1.1
V
Diode capacitance
Cd
VR=0, f=1MHz
VR=1V, f=1MHz
VR=20V, f=1MHz
0.52
0.37
0.23
0.35
pF
Diode forward resistance
rD
IF=0.5mA, f=100MHz
;note1
IF=1mA, f=100MHz
;note1
IF=10mA, f=100MHz
;note1
IF=100mA, f=100MHz
;note1
20
10
2
0.7
40
20
3.8
1.35
Charge carrier life time
τL
when switched from
IF = 10 mA to IR = 6 mA; RL =
100 Ω; measured at IR =3mA
1.55
μS
Series inductance
LS
IF=100mA, f=100MHz
1.4
nH
SOT-323
Note 1.
Guaranteed on AQL basis: inspection level S4,AQL 1.0.
BAP64-05W
1 
www.htsemi.com
semiconductor
JinYu


Número de pieza similar - BAP64-05W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAP64-05W PHILIPS-BAP64-05W Datasheet
91Kb / 8P
   Silicon PIN diode
2000 June 15
logo
SeCoS Halbleitertechnol...
BAP64-05W SECOS-BAP64-05W Datasheet
191Kb / 2P
   Small Signal General Purpose Pin Diode
logo
Micro Commercial Compon...
BAP64-05W MCC-BAP64-05W Datasheet
487Kb / 3P
   General Purpose Pin Diodes 200mW
logo
NXP Semiconductors
BAP64-05W NXP-BAP64-05W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Cystech Electonics Corp...
BAP64-05W CYSTEKEC-BAP64-05W Datasheet
260Kb / 6P
   PIN DIODE
More results

Descripción similar - BAP64-05W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RN771V ROHM-RN771V_17 Datasheet
1Mb / 8P
   PIN Diodes
RN779D ROHM-RN779D_15 Datasheet
1Mb / 8P
   PIN Diodes
RN141CM ROHM-RN141CM Datasheet
1Mb / 8P
   PIN Diodes
logo
Jiangsu Changjiang Elec...
BAP50-05W JIANGSU-BAP50-05W Datasheet
200Kb / 3P
   pin Diodes
logo
M/A-COM Technology Solu...
MADP-042XX8 MA-COM-MADP-042XX8_15 Datasheet
218Kb / 4P
   PIN Diodes
logo
Rohm
RN141S ROHM-RN141S_17 Datasheet
1Mb / 8P
   PIN Diodes
RN142ZS8A ROHM-RN142ZS8A_17 Datasheet
1Mb / 8P
   PIN Diodes
RN242CS ROHM-RN242CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262CS ROHM-RN262CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262G ROHM-RN262G_15 Datasheet
1Mb / 8P
   PIN Diodes
RN731V ROHM-RN731V_17 Datasheet
1Mb / 8P
   PIN Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com