Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BFR106 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de pieza BFR106
Descripción Electrónicos  NPN Silicon RF Transistor (For low noise, high-gain amplifiers For linear broadband amplifiers)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR106 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFR106 Datasheet HTML 1Page - Siemens Semiconductor Group BFR106 Datasheet HTML 2Page - Siemens Semiconductor Group BFR106 Datasheet HTML 3Page - Siemens Semiconductor Group BFR106 Datasheet HTML 4Page - Siemens Semiconductor Group BFR106 Datasheet HTML 5Page - Siemens Semiconductor Group BFR106 Datasheet HTML 6Page - Siemens Semiconductor Group BFR106 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Dec-11-1996
BFR 106
NPN Silicon RF Transistor
• For low noise, high-gain amplifiers
• For linear broadband amplifiers
• Special application: antenna amplifiers
• Complementary type: BFR 194 (PNP)
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFR 106
R7s
Q62702-F1219
1 = B
2 = E
3 = C
4 = E
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
15
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
3
Collector current
IC
100
mA
Base current
IB
12
Total power dissipation
TS ≤ 73 °C
Ptot
700
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 110
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Número de pieza similar - BFR106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BFR106 PHILIPS-BFR106 Datasheet
63Kb / 8P
   NPN 5 GHz wideband transistor
September 1995
logo
Infineon Technologies A...
BFR106 INFINEON-BFR106 Datasheet
80Kb / 7P
   NPN Silicon RF Transistor
Jun-27-2001
BFR106 INFINEON-BFR106 Datasheet
523Kb / 9P
   NPN Silicon RF Transistor
2010-12-03
logo
NXP Semiconductors
BFR106 NXP-BFR106 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFR106 PHILIPS-BFR106 Datasheet
229Kb / 10P
   NPN 5 GHz wideband transistor
September 1995
More results

Descripción similar - BFR106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BFP193 SIEMENS-BFP193 Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFQ193 SIEMENS-BFQ193 Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193W SIEMENS-BFR193W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFR35A SIEMENS-BFR35A Datasheet
91Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS AND HIGH-SPEED SWITCHING APPLICATIONS
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
   NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com