Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD101AWS Datasheet(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

No. de pieza SD101AWS
Descripción Electrónicos  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Página de inicio  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

SD101AWS Datasheet(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  SD101AWS Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. SD101AWS Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY DIODES
FEATURES
MARKING: SD101AWS: S1
SD101BWS: S2
SD101CWS: S3
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
SD101AWS
SD101BWS
SD101CWS
Unit
Peak Repetitive Peak reverse voltage
Working Peak
DC Blocking
Voltage
VRRM
VRWM
VR
60
50
40
V
RMS Reverse Voltage
VR(RMS)
42
35
28
V
Forward Continuous Current
IFM
15
mA
Repetitive Peak Forward Current @t<1.0s
@t=10μs
IFRM
50
2.0
mA
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
/W
Storage temperature
TSTG
-65~+125
Electrical Ratings @TA=25
Parameter
Symb
ol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
SD101AWS
SD101BWS
SD101CWS
V (BR)R
60
50
40
V
IR=10μA
IR=10μA
IR=10μA
Forward voltage
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
VF
0.41
0.40
0.39
1.00
0.95
0.90
V
IF=1.0mA
IF=1.0mA
IF=1.0mA
IF=15mA
IF=15mA
IF=15mA
Reverse current
SD101AWS
SD101BWS
SD101CWS
IRM
0.2
μA
VR=50V
VR=40V
VR=30V
Capacitance between terminals
SD101AWS
SD101BWS
SD101CWS
CT
2.0
2.1
2.2
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
1.0ns
IF=IR=5mA
Irr=0.1XIR,RL=100Ω
SOD-323
-
+
SD101AWS-SD101CWS
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Número de pieza similar - SD101AWS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SD101AWS DIODES-SD101AWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
logo
Pan Jit International I...
SD101AWS PANJIT-SD101AWS Datasheet
76Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diode Semiconductor Kor...
SD101AWS DSK-SD101AWS Datasheet
261Kb / 3P
   Schottky Barrier Diode
logo
Diodes Incorporated
SD101AWS DIODES-SD101AWS Datasheet
74Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
logo
Weitron Technology
SD101AWS WEITRON-SD101AWS Datasheet
226Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Descripción similar - SD101AWS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com