Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DL4750A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de Pieza. DL4750A
Descripción  1W , MELF Surface Mount Zener Diodes
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo 

DL4750A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
DL47xxA Series
1W , MELF
Surface Mount Zener Diodes
15-Dec-2011 Rev. C
Page 1 of 3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Zener Voltage Range 3.3 to 56 Volts
MELF Package (JEDEC DO-213AB)
Surface Mount Devices (SMD)
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And
Terminals Are Readily Solderable
Matte Tin (Sn) Lead Finish
Color band Indicates Negative Polarity
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Thermal Resistance Junction to Ambient
RθJA
170
°C / W
Power Dissipation
PD
1
W
Operating and Storage Temperature Range
TJ, TSTG
175, -65~200
°C
Notes:
1. These ratings are limiting values above which the service ability of the diode may be impaired.
MELF
B
A
C
C
Millimeter
REF.
Min.
Max.
A
4.80
5.20
B
2.39
2.66
C
0.41
0.55


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn