Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9608BCPZ-125 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9608BCPZ-125
Descripción Electrónicos  10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9608BCPZ-125 Datasheet(HTML) 4 Page - Analog Devices

  AD9608BCPZ-125 Datasheet HTML 1Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 2Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 3Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 4Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 5Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9608BCPZ-125 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9608
Rev. 0 | Page 4 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 1.
AD9608-105
AD9608-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
10
10
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−1.0
−0.3
+0.4
−1.0
−0.3
+0.4
% FSR
Gain Error
Full
−2.8
±1.5
+9.0
−2.8
±1.5
+9.0
% FSR
Differential Nonlinearity (DNL)1
Full
±0.35
±0.35
LSB
25°C
±0.12
±0.13
LSB
Integral Nonlinearity (INL)1
Full
±0.40
±0.40
LSB
25°C
±0.14
±0.14
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
±0.1
±1.0
±0.1
±1.0
% FSR
Gain Error
Full
±0.5
±6.5
±0.5
±6.5
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±50
±50
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.98
1.00
1.02
0.98
1.00
1.02
V
Load Regulation Error at 1.0 mA
Full
2
2
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.08
0.08
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
V p-p
Input Capacitance2
Full
5
5
pF
Input Resistance (Differential)
Full
7.5
7.5
Input Common-Mode Voltage
Full
0.9
0.9
V
Input Common-Mode Range
Full
0.5
1.3
0.5
1.3
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
76.8
82.0
87.7
93.0
mA
IDRVDD1 (1.8 V CMOS)
Full
14.7
17.4
mA
IDRVDD1 (1.8 V LVDS)
Full
48.5
49.7
mA
POWER CONSUMPTION
DC Input
Full
125
141
mW
Sine Wave Input1 (DRVDD = 1.8 V CMOS Output Mode)
Full
165
174
189
199
mW
Sine Wave Input1 (DRVDD = 1.8 V LVDS Output Mode)
Full
226
247
mW
Standby Power3
Full
108
120
mW
Power-Down Power
Full
2.0
2.0
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3 Standby power is measured with a dc input and with the CLK± pins active (1.8 V CMOS mode).


Número de pieza similar - AD9608BCPZ-125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9608BCPZ-125 AD-AD9608BCPZ-125 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
More results

Descripción similar - AD9608BCPZ-125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9628 AD-AD9628_15 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9628 AD-AD9628 Datasheet
1,023Kb / 44P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com