Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3670A Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza 1N3670A
Descripción Electrónicos  Medium Power Silicon Rectifier Diodes, 12 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3670A Datasheet(HTML) 2 Page - Vishay Siliconix

  1N3670A Datasheet HTML 1Page - Vishay Siliconix 1N3670A Datasheet HTML 2Page - Vishay Siliconix 1N3670A Datasheet HTML 3Page - Vishay Siliconix 1N3670A Datasheet HTML 4Page - Vishay Siliconix 1N3670A Datasheet HTML 5Page - Vishay Siliconix 1N3670A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93493
2
Revision: 24-Jun-08
1N1...A, 1N36..A Series
Vishay High Power Products
Medium Power
Silicon Rectifier Diodes, 12 A
Notes
(1) JEDEC registered values
(2) I2t for time tx = I2√t x √tx
(3) Maximum peak reverse current (IRM) under same conditions ≈ 2 x rated IR(AV)
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° sinusoidal conduction
12 (1)
A
150 (1)
°C
Maximum peak one cycle
non-repetitive surge current
IFSM
Half cycle 50 Hz sine wave
or 6 ms rectangular pulse
Following any rated load
condition and with rated
VRRM applied
230
A
Half cycle 60 Hz sine wave
or 5 ms rectangular pulse
240 (1)
Half cycle 50 Hz sine wave
or 6 ms rectangular pulse
Following any rated load
condition and with VRRM
applied following surge = 0
275
Half cycle 60 Hz sine wave
or 5 ms rectangular pulse
285
Maximum I2t for fusing
I2t
t = 10 ms
With rated VRRM applied
following surge,
initial TJ = 200 °C
260
A2s
t = 8.3 ms
240
Maximum I2t for individual
device fusing
t = 10 ms
With VRRM = 0 following
surge, initial TJ = 200 °C
370
t = 8.3 ms
340
Maximum I2
√t for individual
device fusing
I2
√t (2)
t = 0.1 to 10 ms, VRRM = 0 following surge
3715
A2
√s
Maximum forward voltage drop
VFM
IF(AV) = 12 A (38 A peak), TC = 25 °C
1.35 (1)
V
Maximum average
reverse current
VRRM = 50
IR(AV) (3)
Maximum rated IF(AV) and TC
3.0 (1)
mA
VRRM = 100
2.5 (1)
VRRM = 150
2.25 (1)
VRRM = 200
2.0 (1)
VRRM = 300
1.75 (1)
VRRM = 400
1.5 (1)
VRRM = 500
1.25 (1)
VRRM = 600
1.0 (1)
VRRM = 700
0.9 (1)
VRRM = 800
0.8 (1)
VRRM = 900
0.7 (1)
VRRM = 1000
0.6 (1)


Número de pieza similar - 1N3670A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N3670A IRF-1N3670A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
1N3670A MICROSEMI-1N3670A Datasheet
129Kb / 2P
   SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3670A VISHAY-1N3670A Datasheet
140Kb / 5P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
logo
Digitron Semiconductors
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
   STANDARD RECOVERY RECTIFIERS
More results

Descripción similar - 1N3670A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A Datasheet
140Kb / 5P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
New Jersey Semi-Conduct...
2CL2 NJSEMI-2CL2 Datasheet
51Kb / 1P
   HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com