Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD300C04C Datasheet(PDF) 5 Page - Vishay Siliconix

No. de Pieza. SD300C04C
Descripción  Standard Recovery Diodes (Hockey PUK Version), 650 A
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SD300C04C Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93544
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD300C..C Series
Standard Recovery Diodes
(Hockey PUK Version), 650 A
Vishay High Power Products
Fig. 13 - Forward Voltage Drop Characteristics
Fig. 14 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
10 0
1000
10000
0.5
1
1.5
2
2.5
3
3. 5
4
4.5
5
T = 25°C
J
T = T
m ax.
J
Instantaneous Forwa rd V oltag e (V)
SD30 0C..C Ser ies
J
0. 0 0 1
0. 0 1
0. 1
1
0
1
1
1
.
0
1
0
.
0
1
0
0
.
0
Sq u a re W a v e Pu lse D u rat io n ( s)
St e a d y St at e V a lue
R
= 0 .1 6 3 K /W
( Sing le Sid e C o oled )
R
= 0 .0 7 3 K /W
( D ou ble Sid e C o o led )
(D C O p e ra t io n )
thJ -hs
thJ -hs
SD 3 0 0 C . .C Se rie s
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
C = PUK case DO-200AA
Device code
5
13
24
6
SD
30
0
C
32
C
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95248


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn