Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD400C12C Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SD400C12C
Descripción Electrónicos  Standard Recovery Diodes (Hockey PUK Version), 800 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD400C12C Datasheet(HTML) 4 Page - Vishay Siliconix

  SD400C12C Datasheet HTML 1Page - Vishay Siliconix SD400C12C Datasheet HTML 2Page - Vishay Siliconix SD400C12C Datasheet HTML 3Page - Vishay Siliconix SD400C12C Datasheet HTML 4Page - Vishay Siliconix SD400C12C Datasheet HTML 5Page - Vishay Siliconix SD400C12C Datasheet HTML 6Page - Vishay Siliconix SD400C12C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93547
4
Revision: 05-Mar-08
SD400C..C Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version), 800 A
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJC Characteristics
2000
3000
4000
5000
6000
7000
8000
0
0
1
0
1
1
Num b e r O f E q ua l A m p litud e H a lf C y cle C urre nt P u lses (N )
SD 400C ..C Se rie s
In itia l T = 190 °C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
At An y Rate d Loa d C ond itio n And W ith
Ra ted V
Ap p lied Follow in g Su rg e .
RR M
2000
3000
4000
5000
6000
7000
8000
9000
0 .01
0.1
1
Pu lse Train D uration (s)
Ve rsus Pulse Train D ura tion .
Maximum Non Repe titive Surge C urren t
SD 400C ..C S erie s
In itia l T = 190 °C
No V oltag e Re applie d
Ra te d V
Re a pp lie d
RRM
J
10 0
10 00
100 0 0
0.5 1 1.5 2 2 .5 3 3.5 4 4.5 5 5.5 6 6.5
T = 25 °C
J
In stan ta n e ous F orw ard V o lta g e (V )
T = 190 °C
J
SD 400C ..C Se rie s
0.001
0.0 1
0.1
1
0
1
1
1
.
0
1
0
.
0
1
0
0
.
0
Square W ave Pulse D uration (s)
Ste ady State V alue
R
= 0.163 K /W
(Sing le Side C ooled)
R
= 0.073 K /W
(D o uble Side C o oled)
(D C O pe ration )
SD 400C ..C Series
th J-hs
th J-hs


Número de pieza similar - SD400C12C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD400C12C VISHAY-SD400C12C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
More results

Descripción similar - SD400C12C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD400C04C VISHAY-SD400C04C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
VS-SD400CC VISHAY-VS-SD400CC_V01 Datasheet
187Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 800 A
01-Jan-2022
VS-SD400CC VISHAY-VS-SD400CC Datasheet
203Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com