Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD553C40S50L Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza SD553C40S50L
Descripción Electrónicos  Fast Recovery Diodes (Hockey PUK Version), 560 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD553C40S50L Datasheet(HTML) 7 Page - Vishay Siliconix

  SD553C40S50L Datasheet HTML 1Page - Vishay Siliconix SD553C40S50L Datasheet HTML 2Page - Vishay Siliconix SD553C40S50L Datasheet HTML 3Page - Vishay Siliconix SD553C40S50L Datasheet HTML 4Page - Vishay Siliconix SD553C40S50L Datasheet HTML 5Page - Vishay Siliconix SD553C40S50L Datasheet HTML 6Page - Vishay Siliconix SD553C40S50L Datasheet HTML 7Page - Vishay Siliconix SD553C40S50L Datasheet HTML 8Page - Vishay Siliconix SD553C40S50L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 93177
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
7
SD553C..S50L Series
Fast Recovery Diodes
(Hockey PUK Version), 560 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-trr code
7
-
L = PUK case DO-200AB (B-PUK)
Device code
5
13
24
67
SD
55
3
C
45
S50
L
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95246


Número de pieza similar - SD553C40S50L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD553C40S50L VISHAY-SD553C40S50L Datasheet
202Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 14-May-08
More results

Descripción similar - SD553C40S50L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD553CS50L VISHAY-VS-SD553CS50L Datasheet
255Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 04-Apr-14
VS-SD553CS50L VISHAY-VS-SD553CS50L_V01 Datasheet
234Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
01-Jan-2022
SD553C30S50L VISHAY-SD553C30S50L Datasheet
202Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 560 A
Revision: 14-May-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com