Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1553C18S20K Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza SD1553C18S20K
Descripción Electrónicos  Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1553C18S20K Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SD1553C18S20K_12 Datasheet HTML 4Page - Vishay Siliconix SD1553C18S20K_12 Datasheet HTML 5Page - Vishay Siliconix SD1553C18S20K_12 Datasheet HTML 6Page - Vishay Siliconix SD1553C18S20K_12 Datasheet HTML 7Page - Vishay Siliconix SD1553C18S20K_12 Datasheet HTML 8Page - Vishay Siliconix SD1553C18S20K_12 Datasheet HTML 9Page - Vishay Siliconix SD1553C18S20K_12 Datasheet HTML 10Page - Vishay Siliconix SD1553C18S20K_12 Datasheet HTML 11Page - Vishay Siliconix SD1553C18S20K_12 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93169
8
Revision: 14-May-08
SD1553C..K Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
1650/1825 A
Fig. 28 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 29 - Frequency Characteristics
Fig. 30 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 31 - Frequency Characteristics
Fig. 32 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 33 - Frequency Characteristics
1E2
1E3
1E4
1E1
1E 2
1 E3
1 E4
1
2
0.1
Pulse Basew idth (µs)
10 jo u le s p e r p ulse
6
4
d v/ d t = 1000V/ µs
Si nu soi da l Pu lse
SD 1 5 5 3 C..S2 0 K Se ri es
T = 150°C , V
= 800V
0.6
0. 4
0.2
J
RR M
tp
1E2
1E3
1E4
1 E1
1 E2
1E 3
1 E4
Pulse Basewid th (µs)
50 H z
20 0
10000
10 0
40 0 0
dv / dt = 1 00 0V / us
2000 0
400
15 0 00
10 0 0
20 0 0
6000
SD 1553C ..S2 0 K Se ri es
Sin uso i da l Pu lse
T = 5 5°C , V
= 8 0 0 V
C
RR M
tp
3000
1E2
1E3
1E4
1 E1
1 E2
1 E3
1 E4
1
2
Pulse Basew idth (µs)
4
10 jo ules p er p ulse
6
Trap e zoi dal Puls e
SD 1 5 5 3 C ..S2 0 K S eri es
T = 150°C, V
= 800V
d v/ d t = 1000V/ µs
di/d t = 3 0 0 A / µs
J
RRM
0. 8
0.6
tp
0.4
1E2
1E3
1E4
1E 1
1 E2
1 E3
1 E4
Pulse Basewidth (µs)
Tr ape z oi dal Pu ls e
50 H z
10 0
20 0
400
1000
2000
4000
3000
600
6000
10000
15000
SD 1553C ..S2 0K Se rie s
T = 5 5°C , V
= 800V
dv /d t = 1 0 0 0V /u s,
d i/ dt = 300A / us
C
RRM
20000
tp
1E2
1E3
1E4
1E 1
1 E2
1 E3
1 E4
1
2
Pulse Ba sew idth (µs)
4
10 jo ules p er p uls e
6
Tra pe zo id al Pu lse
0.8
0. 6
SD 1 5 5 3 C ..S2 0 K S er ie s
T = 1 5 0°C , V
= 8 0 0 V
dv /d t = 1 0 0 0 V / µs
di/ dt = 1 0 0 A /µ s
J
RRM
tp
0. 4
1E 2
1E 3
1E 4
1E 1
1 E2
1 E 3
1 E4
Pulse Basewidth (µs)
Tra pez o idal Pu lse
50 H z
100
20 0
40 0
1000
2000
6000
1000 0
15000
20000
SD 1 55 3C ..S2 0 K Se ri es
T = 5 5°C , V
= 8 0 0 V
d v / dt = 1000V/ us,
di/ d t = 1 0 0 A / us
C
RRM
tp


Número de pieza similar - SD1553C18S20K_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
More results

Descripción similar - SD1553C18S20K_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K Datasheet
276Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
VS-SD1553CK VISHAY-VS-SD1553CK Datasheet
329Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 15-Apr-14
VS-SD1553CK VISHAY-VS-SD1553CK_V01 Datasheet
311Kb / 7P
   Fast Recovery Diodes (Hockey PUK Version), 1650 A, 1825 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com