Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1053C30S30L Datasheet(PDF) 9 Page - Vishay Siliconix

No. de pieza SD1053C30S30L
Descripción Electrónicos  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C30S30L Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SD1053C30S30L Datasheet HTML 4Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 5Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 6Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 7Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 8Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 9Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 10Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 11Page - Vishay Siliconix SD1053C30S30L Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 93167
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
9
SD1053C..L Series
Fast Recovery Diodes
(Hockey PUK Version),
920/1050 A
Vishay High Power Products
Fig. 34 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 35 - Frequency Characteristics
Fig. 36 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 37 - Frequency Characteristics
Fig. 38 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 39 - Frequency Characteristics
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
10 joules per pulse
6
4
dv/ d t = 1000V/ µs
Sinusoidal Pulse
SD1053C..S30L Series
0.6
0.4
0.2
T = 150°C, V
= 1000V
J
RRM
tp
1E2
1E3
1E4
1E11E2
1E31E4
Pulse Basewidth (µs)
50 Hz
200
10000
100
4000
dv/ dt = 1000V/us
20000
400
15000
1000
2000
6000
Sinusoidal Pulse
SD1053C..S30L Series
T = 55°C, V
= 1000V
C
RRM
tp
3000
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
4
10 joules per p ulse
6
Trapezoidal Pulse
SD1053C..S30L Series
0.8
0.6
T = 150°C, V
= 1000V
J
RRM
dv/ dt = 1000V/ µs, di/ dt = 300A/ µs
tp
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
Tra pezoidal Pulse
50 Hz
100
200
400
1000
1500
2000
4000
3000
600
6000
10000
15000
T = 55°C, V
= 1000V
SD1053C..S30LSeries
dv/ dt = 1000V/ us,
di/ dt = 300A/ us
C
RRM
tp
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
4
10 joules p er pulse
6
Trap ezoid al Pulse
0.8
0.6
SD1053C..S30L Series
T = 150°C, V
= 1000V
J
RRM
dv/ dt = 1000V/ µs, di/ dt = 100A/ µs
tp
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
Trapezoidal Pulse
50 Hz
100
200
400
1000
2000
4000
3000
600
6000
10000
15000
SD1053C..S30LSeries
T = 55°C, V
= 1000V
dv/ dt = 1000V/ us,
di/ dt = 100A/ us
C
RRM
tp


Número de pieza similar - SD1053C30S30L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD1053C30S30L VISHAY-SD1053C30S30L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Descripción similar - SD1053C30S30L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com