Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD3000C10K Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SD3000C10K
Descripción Electrónicos  Standard Recovery Diodes (Hockey PUK Version), 3800 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD3000C10K Datasheet(HTML) 6 Page - Vishay Siliconix

  SD3000C10K Datasheet HTML 1Page - Vishay Siliconix SD3000C10K Datasheet HTML 2Page - Vishay Siliconix SD3000C10K Datasheet HTML 3Page - Vishay Siliconix SD3000C10K Datasheet HTML 4Page - Vishay Siliconix SD3000C10K Datasheet HTML 5Page - Vishay Siliconix SD3000C10K Datasheet HTML 6Page - Vishay Siliconix SD3000C10K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95247
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 26-Nov-07
1
DO-200AC (K-PUK)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
67 (2.64) DIA. MAX.
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see Thermal and Mechanical Specifications)
3.5 (0.14) DIA. NOM. x
1.8 (0.07) deep MIN. both ends
1 (0.04) MIN.
both ends
47.5 (1.87) DIA. MAX.
2 places


Número de pieza similar - SD3000C10K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD3000C10K VISHAY-SD3000C10K Datasheet
122Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
More results

Descripción similar - SD3000C10K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD3000CK VISHAY-VS-SD3000CK Datasheet
188Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 15-Apr-14
VS-SD3000CK VISHAY-VS-SD3000CK_V01 Datasheet
171Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 3800 A
01-Jan-2022
SD3000C04K VISHAY-SD3000C04K Datasheet
122Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com