Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1015 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

No. de pieza 2SA1015
Descripción Electrónicos  PNP EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SA1015 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SA1015 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2SA1015 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2SA1015 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1015
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The 2SA1015 is designed for use in driver stage of AF amplifier and
general purpose amplification.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................... -55~+150
°C
Junction Temperature ..................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 400 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ 50 V
VCEO Collector to Emitter Voltage ..................................................................................... 50 V
VEBO Emitter to Base Voltage ............................................................................................. 5 V
IC Collector Current ...................................................................................................... 150 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
50
V
IC=100uA, IE=0
BVCEO
50
V
IC=1mA, IB=0
BVEBO
5
V
IE=10uA, IC=0
ICBO
100
nA
VCB=50V, IE=0
IEBO
100
nA
VEB=5V, IC=0
VCE(sat)
300
mV
IC=100mA, IB=10mA
VBE(sat)
1.1
V
IC=100mA, IB=10mA
hFE1
120
700
VCE=6V, IC=2mA
hFE2
25
VCE=6V, IC=150mA
fT
80
MHz
VCE=10V, IC=1mA, f=100MHz
Cob
7.0
pF
VCB=10V, f=1MHz, IE=0
Classification Of hFE1
Rank
Y
GR
BL
Range
120-240
200-400
350-700
TIGER ELECTRONIC CO.,LTD
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - 2SA1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
156Kb / 2P
   PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
logo
Inchange Semiconductor ...
2SA1015 ISC-2SA1015 Datasheet
124Kb / 2P
   isc Silicon PNP Transistor
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
   Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
logo
Micro Electronics
2SA1015 MICRO-ELECTRONICS-2SA1015 Datasheet
73Kb / 1P
   PNP SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
2SA1015 SEMTECH_ELEC-2SA1015 Datasheet
154Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results

Descripción similar - 2SA1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com