Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TZX9V1D Datasheet(PDF) 5 Page - Vishay Siliconix |
|
TZX9V1D Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 7 page TZX-Series www.vishay.com Vishay Semiconductors Rev. 2.3, 22-Nov-11 5 Document Number: 85614 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Fig. 3 - Typical Change of Working Voltage under Operating Conditions at Tamb = 25 °C Fig. 4 - Typical Change of Working Voltage vs. Junction Temperature Fig. 5 - Temperature Coefficient of Vz vs. Z-Voltage Fig. 6 - Diode Capacitance vs. Z-Voltage Fig. 7 - Forward Current vs. Forward Voltage Fig. 8 - Z-Current vs. Z-Voltage 10 15 20 1 10 100 1000 VZ - Z-Voltage (V) 25 95 9598 T j = 25 °C I Z = 5 mA 0 5 - 60 60 120 180 0.8 0.9 1.0 1.1 1.2 1.3 Tj - Junction Temperature (°C) 240 95 9599 0 V Ztn = VZt/VZ (25 °C) 0 TKVZ = 10 x 10 -4/K 8 x 10-4/K 2 x 10-4/K 6 x 10-4/K 4 x 10-4/K - 4 x 10-4/K - 2 x 10-4/K - 5 0 5 10 15 VZ - Z-Voltage (V) 95 9600 I Z = 5 mA 0 10 203040 50 10 15 0 50 100 150 200 VZ - Z-Voltage (V) 25 95 9601 20 T j = 25 °C V R = 2 V 0 5 0 0.2 0.4 0.6 0.8 0.001 0.01 0.1 1 10 100 1.0 95 9605 VF - Forward Voltage (V) T j = 25 °C 8 20 95 9604 0 20 40 60 80 100 P tot = 500 mW T amb = 25 °C 04 6 12 VZ - Z-Voltage (V) |
Número de pieza similar - TZX9V1D |
|
Descripción similar - TZX9V1D |