Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUL128D Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

No. de pieza BUL128D
Descripción Electrónicos  HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BUL128D Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BUL128D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
ol
Value
Unit
Collector-Base Voltage
V
CBO
700
V
Collector-Emitter Voltage
V
CEO
400
V
Emitter-Base Voltage
V
EBO
9.0
V
Collector Current
I
C
4.0
A
Base Current
I
B
2.0
A
Total Dissipation at
P
tot
70
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-65~150
oC
BUL128D
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CES
V
CE=700V, IE=0
0.25
mA
Emitter Cut-off Current
I
EBO
V
EB=9V, IC=0
0.1
mA
Collector-Emitter Sustaining Voltage
V
CEO
I
C=100mA, IB=0
400
V
Emitter-Base BreakdownVoltage
(I
C=0)
BV
EBO
I
E=10mA
9
18
V
DC Current Gain
h
FE(1)
V
CE=5V, IC=2.0A
12
32
h
FE(2)
V
CE=5V, IC=10mA
10
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=1.0A,IB=0.2A
1.0
V
I
C =4.0A, IB=1.0A
0.5
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=1.0A,IB=0.2A
1.2
V
I
C =2.5A,IB=0.5A
1.3
Storage Time
T
S
I
C=2.0A IB1=-IB2=0.4A
2.0
2.9
us
HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
Product specification
ABSOLUTE MAXIMUM RATINGS
TO-220AB
NPN TRANSISTOR
HIGH VOLTAGE CAPABILITY
LOW SPREAD OF DYNAMIC PARAMETERS
MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION
VERY HIGH SWITCHING SPEED
(Tcase = 25 ℃ unless otherwise specified)
DESCRIPTION
The device is manufactured using high voltage
Multi Epitaxial Planar technology for high
switching speeds and medium voltage
capability. It uses a Cellular Emitter structure
with planar
edge termination to enhance switching speeds
while maintaining the wide RBSOA.
The device is designed for use in lighting
APPLICATIONS
ELECTRONIC BALLASTS FOR FLUORESCENT
LIGHTING
FLYBACK AND FORWARD SINGLE
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - BUL128D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUL128D ISC-BUL128D Datasheet
66Kb / 3P
   Silicon NPN Power Transistors
logo
STMicroelectronics
BUL128D-B STMICROELECTRONICS-BUL128D-B Datasheet
72Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL128D-B STMICROELECTRONICS-BUL128D-B Datasheet
228Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL128D-B STMICROELECTRONICS-BUL128D-B_05 Datasheet
228Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
BUL128DB ISC-BUL128DB Datasheet
193Kb / 2P
   isc Silicon NPN Power Transistor
More results

Descripción similar - BUL128D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Winsemi Microe...
SBP13003-O WINSEMI-SBP13003-O Datasheet
376Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
SBP13005D WINSEMI-SBP13005D Datasheet
325Kb / 4P
   High Voltage Fast-SwitchingNPN Power Transistor
WBP13005D1 WINSEMI-WBP13005D1 Datasheet
420Kb / 4P
   High Voltage Fast-SwitchingNPN Power Transistor
SBR13003B1 WINSEMI-SBR13003B1 Datasheet
341Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
logo
Tiger Electronic Co.,Lt...
BUL128 TGS-BUL128 Datasheet
65Kb / 1P
   HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
logo
Shenzhen Winsemi Microe...
SBP13005-O WINSEMI-SBP13005-O Datasheet
520Kb / 6P
   High Voltage Fast-SwitchingNPN Power Transistor
SBP13007D WINSEMI-SBP13007D Datasheet
326Kb / 4P
   High Voltage Fast-SwitchingNPN Power Transistor
SBN13002 WINSEMI-SBN13002 Datasheet
372Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
SBP5027-R WINSEMI-SBP5027-R Datasheet
488Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
SBP13007-S WINSEMI-SBP13007-S Datasheet
390Kb / 5P
   High Voltage Fast-SwitchingNPN Power Transistor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com