Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1691M Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

No. de pieza CXA1691M
Descripción Electrónicos  FM/AM RADIO CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CXA1691M Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  CXA1691M Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 4Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 5Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 6Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 7Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 8Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CXA1691M
PIN CONFIGURATIONS
Voltage (V)
Vcc=3V
Vcc=6V
Pin
Symbol
Description
FM AM
FM AM
Equivalent circuit
4
VOL CONT
Connect variable
resistor for electronic
volume control
1.25 1.25 1.25 1.25
20K
80K
4
GND
5
AM OSC
AM local oscillation
circuit
1.25 1.25 1.25 1.25
3.6K
5
6
AFC
AFC variable
capacitor pin
1.25
*
1.25
*
8
REG OUT
Regulator pin
1.25V(Typ.)
1.25 1.25 1.25 1.25
6
8
1.25V
(REG)
7
FM OSC
FM local oscillation
circuit
1.25 1.25 1.25 1.25
7
9
FM RF
Connect FM RF
tuning coil
1.25 1.25 1.25 1.25
12
FM RF IN
FM RF input pin
0.3
0
0.3
0
8K
1K
3pF
9
12
10
AM RF IN
AM RF input
1.25 1.25 1.25 1.25
10
Vcc
11
NC
0
0
0
0
13 GND(FE GND)
0
0
0
0
14
FM/AM FE
OUT
IF output pin of FM
and AM, Connect IF
filter
0.36 0.2 0.36 0.2
220
14
AM
FM
3/10


Número de pieza similar - CXA1691M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
More results

Descripción similar - CXA1691M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
   AM/FM radio receiver circuit
June 1989
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
logo
List of Unclassifed Man...
TBA570A ETC1-TBA570A Datasheet
576Kb / 14P
   INTEGRATED AM/FM RADIO RECEIVER CIRCUIT
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com