Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SCR544R Datasheet(PDF) 1 Page - Rohm

No. de pieza 2SCR544R
Descripción Electrónicos  Midium Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SCR544R Datasheet(HTML) 1 Page - Rohm

  2SCR544R Datasheet HTML 1Page - Rohm 2SCR544R Datasheet HTML 2Page - Rohm 2SCR544R Datasheet HTML 3Page - Rohm 2SCR544R Datasheet HTML 4Page - Rohm 2SCR544R Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.A
Midium Power Transistors (80V / 2.5A)
2SCR544R
 Structure
 Dimensions
(Unit : mm)
NPN Silicon epitaxial planar transistor
 Features
1) Low saturation voltage, typically
VCE (sat) = 0.3V (Max.) (IC / IB= 1A / 50mA)
2) High speed switching
 Applications
Driver
 Inner circuit
(Unit : mm)
Package
Taping
Code
TL
Basic ordering unit (pieces)
3000
2SCR544R
 Absolute maximum ratings
(Ta = 25
°C)
Symbol
Limits
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
6V
DC
IC
2.5
A
Pulsed
ICP
5A
PD
0.5
W
PD
1W
Junction temperature
Tj
150
°C
Range of storage temperature
Tstg
-55 to 150
°C
*1 Pw=10ms, Single Pulse
*2 Each terminal mounted on a recommended land.
*3 Mounted on a ceramic board. (40x40x0.7mm³)
 Packaging specifications
Type
Parameter
Collector current
Power dissipation
*1
*2
*3
Abbreviated symbol : NS
(1) Base
(2) Emitter
(3) Collector
TSMT3
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
(1) Base
(2) Emitter
(3) Collector
(1)
(2)
(3)


Número de pieza similar - 2SCR544R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SCR544R ROHM-2SCR544R Datasheet
230Kb / 5P
   Midium Power Transistors (80V / 2.5A)
2SCR544R ROHM-2SCR544R_10 Datasheet
230Kb / 5P
   Midium Power Transistors (80V / 2.5A)
More results

Descripción similar - 2SCR544R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
MP6Z12 ROHM-MP6Z12 Datasheet
496Kb / 8P
   Midium Power Transistors
MP6Z13 ROHM-MP6Z13 Datasheet
1Mb / 8P
   Midium Power Transistors
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
MP6Z11 ROHM-MP6Z11 Datasheet
1Mb / 8P
   Midium Power Transistors (짹30V / 짹1A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
   Midium Power Transistors (-50V/-4A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
   Midium Power Transistors (30V / 1A)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com