Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM384T480T325A00 Datasheet(PDF) 1 Page - Vicor Corporation

No. de pieza BCM384T480T325A00
Descripción Electrónicos  Bus Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384T480T325A00 Datasheet(HTML) 1 Page - Vicor Corporation

  BCM384T480T325A00 Datasheet HTML 1Page - Vicor Corporation BCM384T480T325A00 Datasheet HTML 2Page - Vicor Corporation BCM384T480T325A00 Datasheet HTML 3Page - Vicor Corporation BCM384T480T325A00 Datasheet HTML 4Page - Vicor Corporation BCM384T480T325A00 Datasheet HTML 5Page - Vicor Corporation BCM384T480T325A00 Datasheet HTML 6Page - Vicor Corporation BCM384T480T325A00 Datasheet HTML 7Page - Vicor Corporation BCM384T480T325A00 Datasheet HTML 8Page - Vicor Corporation BCM384T480T325A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 1.9
4 /2011
Page 1 of 18
V•I CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
x 480 325A00
T
384
BCM
FEATURES
384 Vdc – 48 Vdc 325 W Bus Converter
High efficiency (>95%) reduces system power
consumption
High power density (>1000 W/in3)
reduces power system footprint by >40%
“Full Chip” VI Chip package enables surface mount,
low impedance interconnect to system board
Contains built-in protection features: undervoltage,
overvoltage lockout, overcurrent protection, short
circuit protection, overtemperature protection.
Provides enable/disable control, internal temperature
monitoring
ZVS/ZCS Resonant Sine Amplitude Converter topology
Can be paralleled to create multi-kW arrays
TYPICAL APPLICATIONS
High End Computing Systems
Automated Test Equipment
Telecom Base Stations
High Density Power Supplies
Communications Systems
DESCRIPTION
The VI Chip™ bus converter is a high efficiency (>95%) Sine
Amplitude Converter™ (SAC™) operating from a 360 to 400
Vdc primary bus to deliver an isolated 45 – 50 V nominal,
unregulated secondary. The SAC offers a low AC impedance
beyond the bandwidth of most downstream regulators,
meaning that input capacitance normally located at the input
of a regulator can be located at the input to the SAC. Since the
K factor of the BCM384F480T325A00 is 1/8, that capacitance
value can be reduced by a factor of 64x, resulting in savings of
board area, materials and total system cost.
The BCM384F480T325A00 is provided in a VI Chip package
compatible with standard pick-and-place and surface mount
assembly processes. The VI Chip package provides flexible
thermal management through its low junction-to-case and
junction-to-board thermal resistance. With high conversion
efficiency the BCM384F480T325A00 increases overall system
efficiency and lowers operating costs compared to
conventional approaches.
SW1
enable / disable
switch
F1
V
C1
1 µF
IN
PC
TM
-Out
+Out
-In
+In
BCM
PR
PC
VC
TM
IL
OS
SG
PRM
CD
-Out
+Out
-In
+In
VC
PC
TM
VTM
-Out
+Out
-In
+In
L
O
A
D
TYPICAL APPLICATION
BCM™
Bus Converter
VIN = 360 – 400 V
VOUT = 45 – 50 V (NO LOAD)
POUT = 325 W(NOM)
K = 1/8
S
NRTL
C
US
PART NUMBER
PACKAGE STYLE
PRODUCT GRADE
F = J-Lead
T = -40° to 125°C
T = Through hole
PART NUMBERING
For Storage and Operating Temperatures see Section 6.0 General Characteristics
480
x
T325A00
384
BCM


Número de pieza similar - BCM384T480T325A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BCM384T480T325B00 VICOR-BCM384T480T325B00 Datasheet
904Kb / 22P
   Isolated Fixed Ratio DC-DC Converter
More results

Descripción similar - BCM384T480T325A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com