Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74279223560 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 74279223560
Descripción Electrónicos  WE-MPSB EMI Multilayer Power Suppression Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74279223560 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74279223560 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279223560 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279223560 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279223560 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279223560 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279223560 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.0
REV
2011-10-01
DATE
SSt
BY
SMu
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MPSB EMI Multilayer Power
Suppression Bead
Order.- No.
74279223560
SIZE
A4
Size: 1612
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the component surface has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the ferrite body and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the ferrite body and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Washing varnish agent that is used during the production to clean the application might damage or change the characteristics of the plating.
The washing varnish agent could have a negative effect on the long turn function of the product.
Direct mechanical impact to the product shall be prevented as the ferrite material of the ferrite body could flake or in the worst case it could
break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be sustai-
ned.
• Wave soldering is only allowed after evaluation and approval.
•All products are supposed to be used before the end of the period of 12 months based on the product date-code, if not a 100% solderabi-
lity can´t be warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
I Cautions and Warnings:
The following condition s apply to all goods within the product series of WE-MPSB
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, avia-
tion, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH & Co. KG must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be
performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 74279223560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7427922 WURTH-7427922 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279220181 WURTH-74279220181 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220321 WURTH-74279220321 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220601 WURTH-74279220601 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220800 WURTH-74279220800 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
More results

Descripción similar - 74279223560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74279224251 WURTH-74279224251 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279225101 WURTH-74279225101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224101 WURTH-74279224101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220321 WURTH-74279220321 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279228600 WURTH-74279228600 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220800 WURTH-74279220800 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279228111 WURTH-74279228111 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224171 WURTH-74279224171 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224181 WURTH-74279224181 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224271 WURTH-74279224271 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com